Electronic Components Datasheet Search
  English  ▼

X  

PCF7946AT Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF7946AT
Description  Security Transponder plus Remote Keyless Entry
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF7946AT Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF7946AT Datasheet HTML 1Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Philips Semiconductors
Product Profile
PCF7946AT
June 1999
Security Transponder plus Remote Keyless Entry, HITAG2
PLUS
Features
• Compatible with Security Transponder, PCF7936AS.
• Rolling Code Generator for keyless entry
• 14-pin SO package
Transponder
• 64/32 bit mutual authentication
• 32 bit unique device identification number
• Fast authentication, 39ms
• 48 bit Secret Key
• 128 bit user memory (EEPROM)
• EEPROM read/write in cipher mode
• EEPROM read/write protection capability
• Excellent sensitivity in read and write mode
Code Hopping Generator
• Four user buttons (15 + 1 commands)
• LED acknowledgment of transmission
• 42 bit unidirectional code hopping
• 48 bit Remote Secret Key
• 114 bit message with run-in, device identification,
function code, terminator and parity bits
• Automatic code synchronisation via transponder
• Programmable data rate and frame repetition rate
• Clock input to support external data rate reference
• Manchester encoding
•Low tolerance on-chip RC oscillator (< ±10%)
• Battery low indication
• Single cell operation (2.0V to 3.6V)
• Low power consumption
(ACTIVE: 0.3 mA, POWER DOWN: 300 nA)
General Description
The HITAG2
PLUS is a high performance monolithic
Security Transponder and Remote Keyless Entry Chip
ideally suited for car immobiliser applications that
incorporate keyless entry functions.
The HITAG2
PLUS transponder circuitry is compatible
with the Security Transponder PCF7936AS to support
mixed systems using a HITAG2
PLUS and a standard
Security Transponder, PCF7936AS at the same time.
The Transponder circuitry meets the security and
performance requirements of modern car immobiliser
applications. Excellent device sensitivity (large
distance) and short authentication time ensure easy
application and outstanding system performance. The
Transponder circuitry does not require any battery
supply and full operation is granted in a Keyless Entry
battery low condition.
The Remote Control circuitry features a low power
consumption to ensure long battery lifetime. The device
supports up to four user buttons and a LED for
transmission acknowledgment. Code hopping upon
each button press is provided. The device features
automatic re-synchronisation of the rolling code via the
transponder interface.
The Transponder and rolling code algorithm employ the
same security algorithm for easy system integration on
the receiver side. Separate Secret Keys are provided to
ensure independent code characteristics.
Data rate, modulation and repetition rates of the remote
transmission frame are configurable by the on-chip
EEPROM.
The HITAG2
PLUS features a clock input as an external
data rate reference for use with common PLL
transmitter devices.
Typical Application
Command
Buttons
DOUT
XON
Transmitter
IR
or
UHF (PLL)
VBAT
LED
B 0
B 1
B 2
B 3
PCF7946
Security Transponder
EEPROM
384 Bit
Calculation
Unit
Control
Logic
Power Management
Remote Control
Modulator
Control
Logic
RC
Oscillator
XCLK
VSS
Li
3V
IN1
IN2
TOUT
optional


Similar Part No. - PCF7946AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF7941 NXP-PCF7941 Datasheet
224Kb / 5P
IC TRANSPONDER IMMOBILIZER PLLMC Security and convenience
September 2009
PCF7941ATJ NXP-PCF7941ATJ Datasheet
158Kb / 18P
Security Transponder and RISC Controller
2013 Oct 15
PCF7945 NXP-PCF7945 Datasheet
224Kb / 5P
IC TRANSPONDER IMMOBILIZER PLLMC Security and convenience
September 2009
PCF7947AT NXP-PCF7947AT Datasheet
224Kb / 5P
IC TRANSPONDER IMMOBILIZER PLLMC Security and convenience
September 2009
More results

Similar Description - PCF7946AT

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2295A NJRC-NJM2295A Datasheet
297Kb / 7P
FM IF IC FOR REMOTE KEYLESS ENTRY SYSTEM
logo
RF Micro Devices
DK1000R RFMD-DK1000R Datasheet
171Kb / 6P
315MHZ REMOTE KEYLESS ENTRY RECEIVER
logo
Texas Instruments
TMS37134 TI-TMS37134 Datasheet
58Kb / 1P
Entry Transponder IC
logo
TOKO, Inc
TK14583V-G TOKO-TK14583V-G Datasheet
180Kb / 2P
Wide band FM IF IC for remote keyless entry / tire pressure monitoring system
logo
New Japan Radio
NJM2295A NJRC-NJM2295A_1 Datasheet
148Kb / 6P
FM IF IC FOR REMOTE KEYLESS ENTRY SYSTEM
NJM2295AV-TE1 NJRC-NJM2295AV-TE1 Datasheet
148Kb / 6P
FM IF IC FOR REMOTE KEYLESS ENTRY SYSTEM
logo
Asahi Kasei Microsystem...
AK3713 AKM-AK3713 Datasheet
488Kb / 4P
1chip Remote Keyless Entry Transmitter
logo
List of Unclassifed Man...
SYN470R ETC2-SYN470R Datasheet
1Mb / 21P
Automotive Remote Keyless Entry (RKE)
logo
NXP Semiconductors
PCF7936AS PHILIPS-PCF7936AS Datasheet
171Kb / 32P
Security Transponder (HITAG2)
2010 May 04
PCF7936AS PHILIPS-PCF7936AS_V01 Datasheet
39Kb / 1P
Security Transponder, HITAG 2
July 1998
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com