Electronic Components Datasheet Search
  English  ▼

X  

STC15F102 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # STC15F102
Description  Operating voltage range: 3.8 ~ 5.5V or 2.4V ~ 3.6V (STC15L204EA series)
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STC15F102 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button STC15F102 Datasheet HTML 17Page - List of Unclassifed Manufacturers STC15F102 Datasheet HTML 18Page - List of Unclassifed Manufacturers STC15F102 Datasheet HTML 19Page - List of Unclassifed Manufacturers STC15F102 Datasheet HTML 20Page - List of Unclassifed Manufacturers STC15F102 Datasheet HTML 21Page - List of Unclassifed Manufacturers STC15F102 Datasheet HTML 22Page - List of Unclassifed Manufacturers STC15F102 Datasheet HTML 23Page - List of Unclassifed Manufacturers STC15F102 Datasheet HTML 24Page - List of Unclassifed Manufacturers STC15F102 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 252 page
background image
Chapter 2 Clock, Power Management, Reset
2.1 Clock
There is only one clock source—Internal RC oscillator available for STC15F204EA series.
After picking out clocking source, there is another slow-down mechanism available for power-saving purpose.
User can slow down the MCU by means of writing a non-zero value to the CLKS[2:0] bits in the CLK_DIV
register. This feature is especially useful to save power consumption in idle mode as long as the user changes the
CLKS[2:0] to a non-zero value before entering the idle mode.
CLK_DIV register (Clock Divider)
LSB
SFR Name SFR Address
bit
B7
B6
B5
B4
B3
B2
B1
B0
CLK_DIV
97H
name
-
-
-
-
-
CLKS2 CLKS1 CLKS0
{CLKS2,CLKS1,CLKS0}
000 := The internal RC oscillator is set as the clock-in not divided (default state)
001 := The internal RC oscillator is set as the clock-in divided by 2
010 := The internal RC oscillator is set as the clock-in divided by 4
011 := The internal RC oscillator is set as the clock-in divided by 8
100 := The internal RC oscillator is set as the clock-in divided by16
101 := The internal RC oscillator is set as the clock-in divided by 32
110 := The internal RC oscillator is set as the clock-in divided by 64
111 := The internal RC oscillator is set as the clock-in divided by 128
Not-divided
÷2
÷4
÷8
÷16
÷32
÷64
÷128
CLKS2,CLKS1,CLKS0
000
001
010
011
100
101
110
111
System clock (SYSclk)
(To CPU and peripherals)
Clock Structure
Internal RC oscillator
(5 MHz — 35 MHz)
(temperature drifting ±1%)
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com