Electronic Components Datasheet Search
  English  ▼

X  

INA180 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA180
Description  Automotive, low- and high-side voltage output, current-sense amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA180 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA180 Datasheet HTML 9Page - Texas Instruments INA180 Datasheet HTML 10Page - Texas Instruments INA180 Datasheet HTML 11Page - Texas Instruments INA180 Datasheet HTML 12Page - Texas Instruments INA180 Datasheet HTML 13Page - Texas Instruments INA180 Datasheet HTML 14Page - Texas Instruments INA180 Datasheet HTML 15Page - Texas Instruments INA180 Datasheet HTML 16Page - Texas Instruments INA180 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
Frequency (Hz)
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
1000
10
100
1k
10k
100k
1M
10M
D033
A1
A2
A3
A4
Frequency (Hz)
70
80
90
100
110
120
130
140
100
1k
10k
100k
1M
D034
Ch1 onto Ch2
Ch2 onto Ch1
13
INA180-Q1, INA2180-Q1, INA4180-Q1
www.ti.com
SLYS017B – APRIL 2018 – REVISED MARCH 2019
INA2180-Q1 INA4180-Q1
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5 V, and VIN+ = 12 V (unless otherwise noted)
Figure 37. Output Impedance vs Frequency
Figure 38. Channel Separation vs Frequency (INA2180)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com