Electronic Components Datasheet Search
  English  ▼

X  

LM5176 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM5176
Description  55-V Wide VIN synchronous 4-switch buck-boost controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5176 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5176 Datasheet HTML 8Page - Texas Instruments LM5176 Datasheet HTML 9Page - Texas Instruments LM5176 Datasheet HTML 10Page - Texas Instruments LM5176 Datasheet HTML 11Page - Texas Instruments LM5176 Datasheet HTML 12Page - Texas Instruments LM5176 Datasheet HTML 13Page - Texas Instruments LM5176 Datasheet HTML 14Page - Texas Instruments LM5176 Datasheet HTML 15Page - Texas Instruments LM5176 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
IOUT (A)
0
1
2
3
4
5
6
0
3
6
9
12
15
D021
IL
5 A/div
VOUT
5 V/div
20 ms/div
Overload
released
12
LM5176
SNVSAI1A – JUNE 2017 – REVISED MARCH 2019
www.ti.com
Product Folder Links: LM5176
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, unless otherwise stated.
VIN = 24 V
VOUT = 12 V
Hiccup Enabled
Figure 19. Hiccup Mode Current Limit
VIN = 24 V
RSNS = 10 mΩ
Figure 20. Constant Current Constant Voltage (CCCV)
Operation
7 Detailed Description
7.1 Overview
The LM5176 is a wide input voltage four-switch buck-boost controller IC with integrated drivers for N-channel
MOSFETs. It operates in the buck mode when VIN is greater than VOUT and in the boost mode when VIN is less
than VOUT. When VIN is close to VOUT, the device operates in a proprietary transition buck or boost mode. The
control scheme provides smooth operation for any input/output combination within the specified operating range.
The buck or boost transition control scheme provides a low ripple output voltage when VIN equals VOUT without
compromising the efficiency.
The LM5176 integrates four N-Channel MOSFET drivers including two low-side drivers and two high-side drivers,
eliminating the need for external drivers or floating bias supplies. The internal VCC regulator supplies internal
bias rails as well as the MOSFET gate drivers. The VCC regulator is powered either from the input voltage
through the VIN pin or from the output or an external supply through the BIAS pin for improved efficiency.
The PWM control scheme is based on valley current mode control for buck operation and peak current mode
control for boost operation. The inductor current is sensed through a single sense resistor in series with the low-
side MOSFETs. The sensed current is also monitored for cycle-by-cycle current limit. The behavior of the
LM5176 during an overload condition is dependent on the MODE pin programming (see MODE Pin
Configuration). If hiccup mode fault protection is selected, the controller turns off after a fixed number of
switching cycles in cycle-by-cycle current limit and restarts after another fixed number of clock cycles. The hiccup
mode reduces the heating in the power components in a sustained overload condition. If hiccup mode is disabled
through the MODE pin, the controller remains in a cycle-by-cycle current limit condition until the overload is
removed.
In addition to the cycle-by-cycle current limiting, the LM5176 also provides an optional average current regulation
loop that can be configured for either input or output current limiting. This is useful for battery charging or other
applications where a constant current behavior may be required.
The soft-start time of LM5176 is programmed by a capacitor connected to the SS pin to minimize the inrush
current and overshoot during startup.
The precision EN/UVLO pin supports programmable input undervoltage lockout (UVLO) with hysteresis. The
output overvoltage protection (OVP) feature turns off the high-side drivers when the voltage at the FB pin
exceeds the output overvoltage threshold (VOVP). The PGOOD output indicates when the FB voltage is inside the
PGOOD regulation window centered at VREF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com