Electronic Components Datasheet Search
  English  ▼

X  

OPA207 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA207
Description  Low-power, high-precision, low-noise, rail-to-rail output operational amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA207 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA207 Datasheet HTML 9Page - Texas Instruments OPA207 Datasheet HTML 10Page - Texas Instruments OPA207 Datasheet HTML 11Page - Texas Instruments OPA207 Datasheet HTML 12Page - Texas Instruments OPA207 Datasheet HTML 13Page - Texas Instruments OPA207 Datasheet HTML 14Page - Texas Instruments OPA207 Datasheet HTML 15Page - Texas Instruments OPA207 Datasheet HTML 16Page - Texas Instruments OPA207 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
Copyright © 2017, Texas Instruments Incorporated
gm1
gm2
gm3
+IN
_IN
OUT
V+
V
_
13
OPA207
www.ti.com
SBOS826C – DECEMBER 2017 – REVISED MARCH 2019
Product Folder Links: OPA207
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The OPA207 precision operational amplifier replaces the industry standard OP-177. The OPA207 offers
improved noise, wider output voltage swing, has twice the bandwidth, ten times the slew rate and consumes only
half the quiescent current as the OP-177. Additional features include ultralow offset voltage and drift, low bias
current, high common-mode rejection, and high power supply rejection.
7.2 Functional Block Diagram
7.3 Feature Description
The OPA207 is unity-gain stable and free from unexpected output phase reversal, making it easy to use in a
wide range of applications. Applications with noisy or high-impedance power supplies may require decoupling
capacitors close to the device pins. In most cases 0.1-μF capacitors are adequate.
7.3.1 Operating Voltage
The OPA207 operates from ±2.25 V to ±18 V supplies with excellent performance. Key parameters are assured
over the specified temperature range, –40°C to 125°C. Most behavior remains unchanged through the full
operating voltage range (±2.25 V to ±18 V). Parameters which vary significantly with operating voltage or
temperature are shown in Typical Characteristics.
7.3.2 Input Protection
The input stage of the OPA207 is internally protected with resistors in series with diode clamps as shown in
Figure 36. The inputs can withstand ±10 V differential inputs without damage and the maximum input current
should be limited to 10 mA or less.. The protection diodes conduct current when the inputs are over-driven such
as when the opamp output is slewing. This may disturb the slewing behavior of unity-gain follower applications,
but will not damage the operational amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com