Electronic Components Datasheet Search
  English  ▼

X  

REF3425-EP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # REF3425-EP
Description  low-drift, low-power, small-footprint series voltage reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3425-EP Datasheet(HTML) 3 Page - Texas Instruments

  REF3425-EP Datasheet HTML 1Page - Texas Instruments REF3425-EP Datasheet HTML 2Page - Texas Instruments REF3425-EP Datasheet HTML 3Page - Texas Instruments REF3425-EP Datasheet HTML 4Page - Texas Instruments REF3425-EP Datasheet HTML 5Page - Texas Instruments REF3425-EP Datasheet HTML 6Page - Texas Instruments REF3425-EP Datasheet HTML 7Page - Texas Instruments REF3425-EP Datasheet HTML 8Page - Texas Instruments REF3425-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1
GND_F
3
ENABLE
2
GND_S
6
OUT_F
4
IN
5
OUT_S
Not to scale
3
REF3425-EP, REF3430-EP, REF3433-EP, REF3440-EP
www.ti.com
SBAS942A – DECEMBER 2018 – REVISED MARCH 2019
Product Folder Links: REF3425-EP REF3430-EP REF3433-EP REF3440-EP
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
5 Device Comparison Table
PRODUCT
VOUT
REF3425-EP
2.5 V
REF3430-EP
3 V
REF3433-EP
3.3 V
REF3440-EP
4.096 V
6 Pin Configuration and Functions
DBV Package
6-Pin SOT-23
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
GND_F
Ground
Ground force connection.
2
GND_S
Ground
Ground sense connection.
3
ENABLE
Input
Enable connection. Enables or disables the device.
4
IN
Power
Input supply voltage connection.
5
OUT_S
Output
Reference voltage output sense connection.
6
OUT_F
Output
Reference voltage output force connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com