Electronic Components Datasheet Search
  English  ▼

X  

REF3433MDBVTEP Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # REF3433MDBVTEP
Description  low-drift, low-power, small-footprint series voltage reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3433MDBVTEP Datasheet(HTML) 14 Page - Texas Instruments

Back Button REF3433MDBVTEP Datasheet HTML 10Page - Texas Instruments REF3433MDBVTEP Datasheet HTML 11Page - Texas Instruments REF3433MDBVTEP Datasheet HTML 12Page - Texas Instruments REF3433MDBVTEP Datasheet HTML 13Page - Texas Instruments REF3433MDBVTEP Datasheet HTML 14Page - Texas Instruments REF3433MDBVTEP Datasheet HTML 15Page - Texas Instruments REF3433MDBVTEP Datasheet HTML 16Page - Texas Instruments REF3433MDBVTEP Datasheet HTML 17Page - Texas Instruments REF3433MDBVTEP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
–2.5 V
+2.5 V
+5 V
1
2
5
6
3
4
R
1
10 kΩ R
2
10 kΩ
–5 V
+5 V
OPA735
REF3425-EP
Copyright © 2017, Texas Instruments Incorporated
14
REF3425-EP, REF3430-EP, REF3433-EP, REF3440-EP
SBAS942A – DECEMBER 2018 – REVISED MARCH 2019
www.ti.com
Product Folder Links: REF3425-EP REF3430-EP REF3433-EP REF3440-EP
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
9.4 Device Functional Modes
9.4.1
EN Pin
When the EN pin of the REF34xx-EP is pulled high, the device is in active mode. The device must be in active
mode for normal operation. The REF34xx-EP can be placed in a low-power mode by pulling the ENABLE pin
low. When in shutdown mode, the output of the device becomes high impedance and the quiescent current of
the device reduces to 2 µA in shutdown mode. The EN pin must not be pulled higher than VIN supply voltage.
See the Thermal Information for logic high and logic low voltage levels.
9.4.2 Negative Reference Voltage
For applications requiring a negative and positive reference voltage, the REF34xx-EP and OPA735 can be used
to provide a dual-supply reference from a 5-V supply. Figure 18 shows the REF3425-EP used to provide a 2.5-V
supply reference voltage. The low drift performance of the REF34xx-EP complements the low offset voltage and
zero drift of the OPA735 to provide an accurate solution for split-supply applications. Take care to match the
temperature coefficients of R1 and R2.
Figure 18. REF3425-EP and OPA735 Create Positive and Negative Reference Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com