Electronic Components Datasheet Search
  English  ▼

X  

FS8820 Datasheet(PDF) 4 Page - Fortune Semiconductor Corp.

Part # FS8820
Description  Dual N-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8820 Datasheet(HTML) 4 Page - Fortune Semiconductor Corp.

  FS8820 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS8820 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS8820 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS8820 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS8820 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8820 Datasheet HTML 6Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
7.
Electrical Characteristics
Electrical Characteristics @Tj = 25℃ ( unless otherwise specified )
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
Static Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250uA
20
-
-
V
Δ
BVDSS/Δ Tj
Breakdown Voltage Temperature Coefficient
Reference to 25℃, ID=1mA
-
0.1
-
V/℃
RDS(ON) 1
Static Drain-Source On-Resistance2
VGS = 4.5V, ID = 6A
-
19
24
mΩ
VGS = 2.5V, ID = 5A
-
25
32
mΩ
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250uA
0.5
0.7
1.0
V
IDSS
Drain-Source Leakage Current (Tj = 25℃)
VDS =16 VGS = 0V
-
-
1
uA
Drain-Source Leakage Current (Tj = 85℃)
VDS =16 VGS = 0V
-
-
30
uA
IGSS
Gate-Source Leakage
VGS = ±10V
-
-
±
10
uA
Diode Characteristics
VSD 1
Diode Forward Voltage
ISD=1.7A,VGS=0V
0.7
1.0
V
trr
Reverse Recovery Time
ISD=6A,dISD/dt=100A/μ
s
27
Ns
Qrr
Reverse Recovery Charge
15
nC
Dynamic Characteristics 2
RG
Gate Resistance
VGS=VDS=0V,F=1MHz
4
Ω
Ciss
Input Capacitance
VGS=0V,VDS=10V
Frequency=1MHz
1110
pF
Coss
Output Capacitance
240
Crss
Reverse Transfer Capacitance
200
td(on)
Turn-on Delay Time
VDS=10V,VGEN=4.5V,
RG=6Ω ,RL=10Ω ,
IDS=1A
6
12
ns
tr
Turn-on Rise Time
13
24
td(off)
Turn-off Delay Time
67
122
tf
Turn-off Rise Time
37
68
Gate Charge Characteristics2
Qg
Total Gate Charge
VGS=4.5V,VDS=10V,
IDS=6A
15
21
nC
Qgs
Gate-Source Charge
1.5
Qgd
Gate-Drain Charge
4.7
Notes:
1. Pulse width ≦ 300us, duty cycle ≦ 2%.
2. Guaranteed by design, not subject to production testing



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com