Electronic Components Datasheet Search
  English  ▼

X  

FS8601RA Datasheet(PDF) 10 Page - Fortune Semiconductor Corp.

Part # FS8601RA
Description  One Cell Lithium-ion/Polymer Battery Protection IC With Built-in MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8601RA Datasheet(HTML) 10 Page - Fortune Semiconductor Corp.

Back Button FS8601RA Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8601RA Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8601RA Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8601RA Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8601RA Datasheet HTML 9Page - Fortune Semiconductor Corp. FS8601RA Datasheet HTML 10Page - Fortune Semiconductor Corp. FS8601RA Datasheet HTML 11Page - Fortune Semiconductor Corp. FS8601RA Datasheet HTML 12Page - Fortune Semiconductor Corp. FS8601RA Datasheet HTML 13Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
FS8601RA
13. Typical Operating Characteristics
Supply Current
3
3.2
3.4
3.6
3.8
-45℃ -35℃ -15℃
5℃
25℃
45℃
65℃
85℃
ICC
Overdischarge Current
1.9
1.95
2
2.05
2.1
2.15
2.2
2.25
-45℃ -35℃ -15℃
5℃
25℃
45℃
65℃
85℃
IOD
Overcharge Protection Voltage
4.255
4.26
4.265
4.27
4.275
4.28
4.285
4.29
-45℃ -35℃ -15℃
5℃
25℃
45℃
65℃
85℃
VOCP
Overdischarge Protection Voltage
2.358
2.36
2.362
2.364
2.366
2.368
2.37
2.372
2.374
2.376
-45℃ -35℃ -15℃
5℃
25℃
45℃ 65℃
85℃
VODP
Static Source-Source On-Resistance
(VGS=3.7V ID=1A)
0
10
20
30
40
50
60
-45℃ -35℃ -15℃
5℃
25℃
45℃ 65℃
85℃
Rss(on)1
Static Source-Source On-Resistance
(VGS=2.7V ID=1A)
0
10
20
30
40
50
60
70
-45℃ -35℃ -15℃
5℃
25℃
45℃
65℃
85℃
Rss(on)2
Overcurrent Protection Voltage
153
153.5
154
154.5
155
155.5
156
-45℃ -35℃ -15℃
5℃
25℃
45℃
65℃ 85℃
VOI1
Rev. 1.3
10/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com