Electronic Components Datasheet Search
  English  ▼

X  

FS325 Datasheet(PDF) 15 Page - Fortune Semiconductor Corp.

Part # FS325
Description  One Cell Lithium-ion/Polymer Battery Protection IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS325 Datasheet(HTML) 15 Page - Fortune Semiconductor Corp.

Back Button FS325 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS325 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS325 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS325 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS325 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS325 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS325 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS325 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS325 Datasheet HTML 19Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
FS325C(VSS=0V, Ta=25°C unless otherwise specified)
PARAMETER
CONDITIONS
SYMBOL
Min
Typ
Max
UNIT
CURRENT CONSUMPTION
Supply Current
VDD=3.9V
IDD
2.5
5.5
μ
A
Power-Down Current
VDD=2.0V
IPD
0.05
1.0
μ
A
OPERATING VOLTAGE
Operating input voltage1
VDD-VSS
VDS1
1.5
5.5
V
Operating input voltage2
VDD-CSI
VDS2
1.5
V
DETECTION VOLTAGE
Overcharge detection voltage
VOCU
4.250
4.275
4.300
V
Overcharge release voltage
VOCR
VDD<VOCU & VCSI>VOI1
V
Overdischarge detection voltage
VODL
2.200
2.300
2.400
V
Overdischarge release voltage
VODR
2.200
2.300
2.400
V
Over current detection voltage
VOI1
0.090
0.100
0.110
V
Short circuit detection voltage
VDD=3.6V
VOI2
0.80
0.90
1.00
V
Charger over current detection voltage
VDD=3.6V
VCH
-0.12
-0.10
-0.08
V
Release pull up resistor
VDD=2.0V,CS=VDD-1.0V
Rdown
75
150
300
Kohm
Release pull down resistor
VDD=3.6V,CS=VDD
Rshort
15
30
150
Kohm
Faulty charger detect voltage
Vdet
6.0
8.0
10.0
V
Faulty charger recovery voltage
Vrec
5.8
7.3
8.8
V
0V charging prohibit
VST
0
0
0
V
Power-Down detect voltage
Vstd
0.3VCC
0.5VCC
0.7VCC
V
DELAY TIME
Overcharge detection delay time VDD=4.0V to 4.4V
TOC
0.6
1
1.35
s
Overdischarge detection delay time VDD=3.0V to 2.0V
TOD
65
100
140
ms
Over current detection delay time VDD=3.6V
TOI1
10.8
16.5
21.6
ms
Short circuit detection delay time VDD=3.6V
TOI2
0.3
0.50
1.3
ms
Charger over current delay time
VDD=3.6V
Tdet
12.5
25.0
37.5
ms
Overcharge timer reset delay time
Td1
5.0
16.0
50.0
ms
Charge release delay time
Td2
5.0
16.0
50.0
ms
Charge connection detection delay
Tdr1
3.0
8.0
16.0
ms
OTHER
Output high level voltage
VDD=3.6V, Ioh=-20μA
, CSI=0V OC,OD
VOH
3.1
V
Output low level voltage
VDD=3.6V, Ioh=+20μA
, CSI=0V OC,OD
VOL
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com