Electronic Components Datasheet Search
  English  ▼

X  

2425 Datasheet(PDF) 1 Page - Yantel Corporation

Part # 2425
Description  Variable RF Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANTEL [Yantel Corporation]
Direct Link  http://en.yantel-corp.com/index_index.html
Logo YANTEL - Yantel Corporation

2425 Datasheet(HTML) 1 Page - Yantel Corporation

  2425 Datasheet HTML 1Page - Yantel Corporation 2425 Datasheet HTML 2Page - Yantel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Yantel Corporation
Add:2F, Building 2, Gaofa Technology Park, LongJing, Nanshan Area, Shenzhen, China
Tel:86-755-8355-1886
Fax:86-755-8355-2533
For detailed performance specs & shopping online see Yantel web site : www.yantel-corp.com
1 / 2
2425
Variable RF Inductor
Patent pending
Variable RF Indctor
2425
Operated frequency: 700 MHz
Q value: 90(no core) , 68(full core)
Inductance tuning range: 21.2 to 26.2(nH)
Core material: Aluminum
SRF: 1.5 GHz
Operating temperature: -40℃~+125℃
Rotation times(min): 100
Part No.
No core
At L max
At L min
Freq
(MHz)
No core SRF
min(MHz)
Irms
(A)
L(nH)
Q min
L(nH)
Q min
L(nH)
Q min
2425
26.2
90
26.2
90
21.2
68
700
1500
3.5
Notes:
1.
Operating frequency is based on the half of the maximum Q value
.
Applications
RF Impedance Matching
Tunable Antennas
Tuning Resonant Circuit
Tunable Filter
Phase Shifter
Phased Array Radar
MRI(Magnetic Resonance Imaging)
NMR(Nuclear Magnetic Resonance)
Crystal Oscillator
Broadband Antenna
Characteristic
Typical Q and L vs frequency
Features
SMD package, able to be mounted or soldered on the PCB.
High temperature resistant, operating temperature:
-40℃~+125℃.
Keep excellent & stable performance at high temperature.
Operated in RF frequency band.
High Q value.
Good air tightness to realize high Q value.
Small size: 5×5×3(mm).
Easy to adjust.
Core material: Aluminum or Ferrite.
Termination: RoHS compliant tin over copper.


Similar Part No. - 2425

ManufacturerPart #DatasheetDescription
logo
Heyco.
2425 HEYCO-2425 Datasheet
106Kb / 1P
Snap Bushings
logo
Vicor Corporation
24252 VICOR-24252 Datasheet
60Kb / 1P
CAP, SOLID TANTALUM, 270 uF- 20%, 10V
24252-2 VICOR-24252-2 Datasheet
60Kb / 1P
CAP, SOLID TANTALUM, 270 uF- 20%, 10V
24253 VICOR-24253 Datasheet
60Kb / 1P
CAP, SOLID TANTALUM, 120 uF-20%, 20V
24253-2 VICOR-24253-2 Datasheet
60Kb / 1P
CAP, SOLID TANTALUM, 120 uF-20%, 20V
More results

Similar Description - 2425

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
1211 YANTEL-1211 Datasheet
316Kb / 2P
Variable RF Inductor
1216 YANTEL-1216 Datasheet
446Kb / 2P
Variable RF Inductor
1226 YANTEL-1226 Datasheet
80Kb / 2P
Variable RF Inductor
1227 YANTEL-1227 Datasheet
89Kb / 2P
Variable RF Inductor
1228 YANTEL-1228 Datasheet
79Kb / 2P
Variable RF Inductor
1229 YANTEL-1229 Datasheet
82Kb / 2P
Variable RF Inductor
1230 YANTEL-1230 Datasheet
325Kb / 2P
Variable RF Inductor
1233 YANTEL-1233 Datasheet
326Kb / 2P
Variable RF Inductor
1234 YANTEL-1234 Datasheet
325Kb / 2P
Variable RF Inductor
1323 YANTEL-1323 Datasheet
78Kb / 2P
Variable RF Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com