Electronic Components Datasheet Search
  English  ▼

X  

TMP117AIDRVT Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117AIDRVT
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP117AIDRVT Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMP117AIDRVT Datasheet HTML 25Page - Texas Instruments TMP117AIDRVT Datasheet HTML 26Page - Texas Instruments TMP117AIDRVT Datasheet HTML 27Page - Texas Instruments TMP117AIDRVT Datasheet HTML 28Page - Texas Instruments TMP117AIDRVT Datasheet HTML 29Page - Texas Instruments TMP117AIDRVT Datasheet HTML 30Page - Texas Instruments TMP117AIDRVT Datasheet HTML 31Page - Texas Instruments TMP117AIDRVT Datasheet HTML 32Page - Texas Instruments TMP117AIDRVT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
29
TMP117
www.ti.com
SNOSD82A – JUNE 2018 – REVISED OCTOBER 2018
Product Folder Links: TMP117
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.6.1.7 EEPROM2 Register (address = 06h) [reset = 0000h]
This register function the same as the EEPROM1 register.
Figure 31. EEPROM2 Register
15
14
13
12
11
10
9
8
D15
D14
D13
D12
D11
D10
D9
D8
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
7
6
5
4
3
2
1
0
D7
D6
D5
D4
D3
D2
D1
D0
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
Table 12. EEPROM2 Register Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
15:0
D[15:0]
R/W
xxxxh
This 16-bit register can be used as a scratch pad.
7.6.1.8 Temperature Offset Register (address = 07h) [reset = 0000h]
This 16-bit register is to be used as a user-defined temperature offset register during system calibration. The
offset will be added to the temperature result after linearization. It has a same resolution of 7.8125m°C and same
range of ±256°C as the temperature result register. The data format is the same as the temperature register. If
the added result is out of boundary, then the temperature result will show as the maximum or minimum value.
Figure 32. Temperature Offset Register
15
14
13
12
11
10
9
8
D15
D14
D13
D12
D11
D10
D9
D8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
7
6
5
4
3
2
1
0
D7
D6
D5
D4
D3
D2
D1
D0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 13. Temperature Offset Register Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
15:0
D[15:0]
R/W
0
Temperature offset data from system calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com