Electronic Components Datasheet Search
  English  ▼

X  

MSM6685 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM6685
Description  8,388,608-Word x 1-Bit Serial Register
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6685 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM6685 Datasheet HTML 1Page - OKI electronic componets MSM6685 Datasheet HTML 2Page - OKI electronic componets MSM6685 Datasheet HTML 3Page - OKI electronic componets MSM6685 Datasheet HTML 4Page - OKI electronic componets MSM6685 Datasheet HTML 5Page - OKI electronic componets MSM6685 Datasheet HTML 6Page - OKI electronic componets MSM6685 Datasheet HTML 7Page - OKI electronic componets MSM6685 Datasheet HTML 8Page - OKI electronic componets MSM6685 Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
¡ Semiconductor
4/9
MSM6685
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Pin Voltage
VT
Against VSS at Ta = 25 °C
–1.0 to +7.0
V
Short-circuit Output Current
Ta = 25 °C
50
mA
Power Dissipation
1
W
Operating Temperature
—
0 to 70
°C
Storage Temperature
—
–55 to +150
°C
IOS
PD
Top
TSTG
Ta = 25 °C
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VCC
3.5
4.5
5.5
Supply Voltage
0
0
0
"H" Input Voltage
VCC – 0.5
VCC
VCC + 0.2
"L" Input Voltage
–0.2
0
+0.5
V
V
V
V
VSS
VIH
VIL
(Ta=0 to 70°C)
ELECTRICAL CHARACTERISTICS
DC Characteristics
Parameter
Symbol
Condition
Min
Max
Unit
"H" Output Voltage
VOH
IOH=–0.5 mA
VCC – 0.5
—
V
"L" Output Voltage
IOL=0.5 mA
—
0.4
V
Input Leakage Current
IIL
VI=0 V to VCC
–1
+1
mA
Output Leakage Current
VO=0 V to VCC
–1
+1
mA
Supply Current (Operation)
VCC=4 V, tRWC=1 ms
—
20
mA
Supply Current (Standby)
VCC=4 V
—
200
mA
VOL
IOL
ICC1
ICC2
(VCC=3.5V to 5.5V, Ta=0 to 70°C)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com