Electronic Components Datasheet Search
  English  ▼

X  

TMUX1102 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1102
Description  5-V, low-leakage-current, 1:1 (SPST) precision switches
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1102 Datasheet(HTML) 3 Page - Texas Instruments

  TMUX1102 Datasheet HTML 1Page - Texas Instruments TMUX1102 Datasheet HTML 2Page - Texas Instruments TMUX1102 Datasheet HTML 3Page - Texas Instruments TMUX1102 Datasheet HTML 4Page - Texas Instruments TMUX1102 Datasheet HTML 5Page - Texas Instruments TMUX1102 Datasheet HTML 6Page - Texas Instruments TMUX1102 Datasheet HTML 7Page - Texas Instruments TMUX1102 Datasheet HTML 8Page - Texas Instruments TMUX1102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
1
D
2
S
3
GND
4
SEL
5
VDD
Not to scale
1
D
2
S
3
GND
4
SEL
5
VDD
Not to scale
3
TMUX1101, TMUX1102
www.ti.com
SCDS410 – MARCH 2019
Product Folder Links: TMUX1101 TMUX1102
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
Product Preview
5 Device Comparison Table
PRODUCT
DESCRIPTION
TMUX1101
Low-Leakage-Current, Precision, 1:1 (SPST) Switch (Normally Open)
TMUX1102(1)
Low-Leakage-Current, Precision, 1:1 (SPST) Switch (Normally Closed)
6 Pin Configuration and Functions
DCK Package
5-Pin SC70
Top View
DBV Package
5-Pin SOT-23
Top View
Product Preview
(1)
I = input, O = output, I/O = input and output, P = power
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
D
1
I/O
Drain pin. Can be an input or output.
S
2
I/O
Source pin. Can be an input or output.
GND
3
P
Ground (0 V) reference
SEL
4
I
Logic control input. Controls the switch state as shown in Truth Tables.
VDD
5
P
Positive power supply. This pin is the most positive power-supply potential. For reliable operation,
connect a decoupling capacitor ranging from 0.1 µF to 10 µF between VDD and GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com