Electronic Components Datasheet Search
  English  ▼

X  

FD115CH Datasheet(PDF) 4 Page - Feeling Technology Corp.

Part # FD115CH
Description  Smart motor driver with embedded Hall sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD115CH Datasheet(HTML) 4 Page - Feeling Technology Corp.

  FD115CH Datasheet HTML 1Page - Feeling Technology Corp. FD115CH Datasheet HTML 2Page - Feeling Technology Corp. FD115CH Datasheet HTML 3Page - Feeling Technology Corp. FD115CH Datasheet HTML 4Page - Feeling Technology Corp. FD115CH Datasheet HTML 5Page - Feeling Technology Corp. FD115CH Datasheet HTML 6Page - Feeling Technology Corp. FD115CH Datasheet HTML 7Page - Feeling Technology Corp. FD115CH Datasheet HTML 8Page - Feeling Technology Corp. FD115CH Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
FD115CH
FD115CA
Rev1.3 Feb. 9, 2009
P.4
FEELING
TECHNOLOGY
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Values
Unit
min.
Typ.
max.
Operating Temperature
TOP
-
-20
105
℃
Storage Temperature
TST
-
-40
150
℃
Output clamp Voltage
VC
25
27
V
DC Supply Voltage
VDD
-
18
(1)
V
Supply Current
IDD
-
6
mA
Continuous Current
IO(CONT)
600
mA
Hold Current
IO(HOLD)
900
mA
Peak Current
IO(PEAK)
<100µs
1200
mA
Junction temperature
TJ
180
℃
Power Dissipation
PD
SIP-5L
1200
mW
SOT89-5L
1400
Thermal Resistance
θ
JC
SIP-5L
62
℃
/W
SOT89-5L
55
θ
JA
SIP-5L
104
℃
/W
SOT89-5L
98
Magnetic Flux Density
B
Unlimited
Gauss
IR-Reflow Lead Temperature
10sec
260
℃
Note 1: VDD=18V,If VBEMF is lower than the output clamp voltage (Vc).
255 ± 5
oC
10 ± 1 sec
150 ± 10
oC
90 ± 30 sec
2~5
oC /sec
2~5
oC /sec
SECOND
IR-ReFlow Soldering Condition
0
25
50
75
100
125
150 (TSHUT)
738
970
1200
Pd(mW)
Temp. (
)
o C
SIP-5L Power Dissipation Curve
527
287
94
0
105
o
C
0
25
50
75
100
125
150 (TSHUT)
860
1130
1400
Pd(mW )
Temp. (
)
o
C
SOT89-5L Power Dissipation Curve
590
320
50
0
105
o
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com