Electronic Components Datasheet Search
  English  ▼

X  

ES7148 Datasheet(PDF) 2 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES7148
Description  12-pin, 24-Bit Stereo D/A Converter for PCM Audio
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES7148 Datasheet(HTML) 2 Page - Suzhou Everest Semiconductor Co. Ltd.

  ES7148 Datasheet HTML 1Page - Suzhou Everest Semiconductor Co. Ltd. ES7148 Datasheet HTML 2Page - Suzhou Everest Semiconductor Co. Ltd. ES7148 Datasheet HTML 3Page - Suzhou Everest Semiconductor Co. Ltd. ES7148 Datasheet HTML 4Page - Suzhou Everest Semiconductor Co. Ltd. ES7148 Datasheet HTML 5Page - Suzhou Everest Semiconductor Co. Ltd. ES7148 Datasheet HTML 6Page - Suzhou Everest Semiconductor Co. Ltd. ES7148 Datasheet HTML 7Page - Suzhou Everest Semiconductor Co. Ltd. ES7148 Datasheet HTML 8Page - Suzhou Everest Semiconductor Co. Ltd. ES7148 Datasheet HTML 9Page - Suzhou Everest Semiconductor Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Everest Semiconductor
ES7148
Rev 6.0
September 2018
Latest datasheet: http://www.everest-semi.com or info@everest-semi.com
2
1. PIN DESCRIPTIONS
PIN
PIN
I/O
DESCRIPTION
1
SCLK
I
Bit clock input
2
LRCK
I
Left and right channel clock input indicating input data sampling
rate (Fs) and channel selection
3
CLKIN
I
System clock input
4
CAP1
O
Filtering capacitor
5
CAP2
O
Filtering capacitor
6
AOUTLN
O
Analog output of left channel
7
NC
I
No connect
8
GND
I
Ground
9
VDD
I
Device power supply
10
AOUTRN
O
Analog output of right channel
11
NC
I
No connect
12
SDATA
I
Serial audio data input
2. RECOMMENDED APPLICATION CIRCUIT
SCLK
1
LRCK
2
AOUTLN
6
AOUTRN
10
SDATA
12
NC
11
CLKIN
3
NC
7
PGND
13
ES7148
AGND
CPU/DSP
3.3uF
3.3uF
470R
470R
2200pF
2200pF
AOUTRN
AOUTLN
AGND
AGND
For the best performance,decoupling and filtering capacitors should be located as close to the device package as possible
Additional parallel capacitors(typically 0.1 μF) can be used, larger value capacitors(typically 10 μF) would also help
*
1uF
1uF
AGND
AGND
*
*
AGND
0R
GND(SYS)
In the layout, chip is treated as an analog device
AGND
1uF
AGND
VDD
*
Figure 1 Recommended Application Circuit
ES7148
VDD
GND
NC
9
8
7
SCLK
LRCK
CLKIN
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com