Electronic Components Datasheet Search
  English  ▼

X  

FD115MH Datasheet(PDF) 10 Page - Feeling Technology Corp.

Part # FD115MH
Description  Smart motor driver with embedded Hall sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD115MH Datasheet(HTML) 10 Page - Feeling Technology Corp.

Back Button FD115MH Datasheet HTML 4Page - Feeling Technology Corp. FD115MH Datasheet HTML 5Page - Feeling Technology Corp. FD115MH Datasheet HTML 6Page - Feeling Technology Corp. FD115MH Datasheet HTML 7Page - Feeling Technology Corp. FD115MH Datasheet HTML 8Page - Feeling Technology Corp. FD115MH Datasheet HTML 9Page - Feeling Technology Corp. FD115MH Datasheet HTML 10Page - Feeling Technology Corp. FD115MH Datasheet HTML 11Page - Feeling Technology Corp. FD115MH Datasheet HTML 12Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
FD115MH
FD115MA
Rev1.3 Feb. 9, 2009
P.10
FEELING
TECHNOLOGY
SOT89-5L(Halogen Free)
Sensor Location:
Sensor location
1.90mm
1.65mm
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com