Electronic Components Datasheet Search
  English  ▼

X  

FD168H Datasheet(PDF) 1 Page - Feeling Technology Corp.

Part # FD168H
Description  Single Digital Output Hall Effect Latch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD168H Datasheet(HTML) 1 Page - Feeling Technology Corp.

  FD168H Datasheet HTML 1Page - Feeling Technology Corp. FD168H Datasheet HTML 2Page - Feeling Technology Corp. FD168H Datasheet HTML 3Page - Feeling Technology Corp. FD168H Datasheet HTML 4Page - Feeling Technology Corp. FD168H Datasheet HTML 5Page - Feeling Technology Corp. FD168H Datasheet HTML 6Page - Feeling Technology Corp. FD168H Datasheet HTML 7Page - Feeling Technology Corp. FD168H Datasheet HTML 8Page - Feeling Technology Corp. FD168H Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FD168Y
FD168H
Single Digital Output Hall Effect Latch
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Rev1.1 Apr. 23, 2009’
P.1 / FD168Y,FD168H
FEELING
TECHNOLOGY
Features
Open-drain pre-driver
50mA maximum sink output current
Precise magnetic switching thresholds
Available in SOT-23 and SIP-3L packages
General Description
FD168Y/FD168H is a Hall sensor with latched digital output. It’s suitable for electronic commutation of brushless DC
motor applications. The FD168Y/FD168H uses a chopper amplifier for magnetic signal amplification, which can
achieve a low offset and thus precise magnetic switching threshold.
The output of NO pin is active low or high depends on flux density of the external magnetic source which is larger
than threshold of BOP or BRP.
Block Diagram
Figure.1
Halogen
Free
Bias Generator
Hall Plate
Chopper
Amplifier
Oscillator
Power On
Reset
Digital
Control
Logics


Similar Part No. - FD168H

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FD1600 INFINEON-FD1600 Datasheet
611Kb / 12P
Chopper applications
2016-01-21 revision:V3.1
FD1600-1200R17HP4-K_B2 INFINEON-FD1600-1200R17HP4-K_B2 Datasheet
617Kb / 12P
IHM-B Modul mit Chopper Konfiguration
revision: V3.1 2016-01-21
FD1600-1200R17HP4_B2 INFINEON-FD1600-1200R17HP4_B2 Datasheet
616Kb / 12P
IHM-B Modul mit Chopper Konfiguration
revision: V3.1 2016-01-19
FD1600/1200R17HP4-K_B2 INFINEON-FD1600/1200R17HP4-K_B2 Datasheet
617Kb / 12P
IHM-B Modul mit Chopper Konfiguration
revision: V3.1 2016-01-21
FD1600R17HP4-K_B2 INFINEON-FD1600R17HP4-K_B2 Datasheet
611Kb / 12P
Technische Information / Technical Information
2016-01-21 revision:V3.1
More results

Similar Description - FD168H

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ATS177 ANACHIP-ATS177 Datasheet
193Kb / 6P
Single Output Hall Effect Latch
Rev.A6 Jun 23, 2004
logo
Diodes Incorporated
ATS177 DIODES-ATS177 Datasheet
149Kb / 8P
SINGLE OUTPUT HALL EFFECT LATCH
ATS177 Rev. 1
ATS177 DIODES-ATS177_10 Datasheet
170Kb / 9P
SINGLE OUTPUT HALL EFFECT LATCH
DS31055 Rev. 6 - 2
logo
Unisonic Technologies
U651 UTC-U651_15 Datasheet
137Kb / 3P
SINGLE OUTPUT HALL EFFECT LATCH
logo
Feeling Technology Corp...
FD169Y FEELING-FD169Y Datasheet
424Kb / 11P
Single Digital Output Hall Effect Latch
FS72X FEELING-FS72X Datasheet
134Kb / 10P
Single Digital Output Hall Effect Latch
logo
Major-Power Technology ...
MA7023 MPOWER-MA7023 Datasheet
352Kb / 7P
Single Output Hall Effect Latch
MA7021 MPOWER-MA7021 Datasheet
396Kb / 8P
Single Output Hall Effect Latch
MA177H MPOWER-MA177H Datasheet
111Kb / 2P
Single Output Hall Effect Latch
Rev.1.1
MA7024 MPOWER-MA7024 Datasheet
123Kb / 2P
Single Output Hall Effect Latch
Rev.1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com