Electronic Components Datasheet Search
  English  ▼

X  

FD169H Datasheet(PDF) 7 Page - Feeling Technology Corp.

Part # FD169H
Description  Single Digital Output Hall Effect Latch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD169H Datasheet(HTML) 7 Page - Feeling Technology Corp.

Back Button FD169H Datasheet HTML 3Page - Feeling Technology Corp. FD169H Datasheet HTML 4Page - Feeling Technology Corp. FD169H Datasheet HTML 5Page - Feeling Technology Corp. FD169H Datasheet HTML 6Page - Feeling Technology Corp. FD169H Datasheet HTML 7Page - Feeling Technology Corp. FD169H Datasheet HTML 8Page - Feeling Technology Corp. FD169H Datasheet HTML 9Page - Feeling Technology Corp. FD169H Datasheet HTML 10Page - Feeling Technology Corp. FD169H Datasheet HTML 11Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
FD169Y
FD169H
Rev1.2 May. 20, 2009’
P.7 / FD169Y_FD169H
FEELING
TECHNOLOGY
Package Dimension
SOT-23
Symbols
Dimension In Millimeters
Min
Nom
Max
A
-
-
1.45
A1
-
-
0.15
A2
0.90
1.15
1.30
b
0.30
-
0.50
c
0.08
-
0.22
D
2.90BSC
E
2.80BSC
E1
1.60BSC
e
0.95BSC
e1
1.90BSC
L
0.30
0.45
0.60
L1
0.60REF
L2
0.25BSC
R
0.10
-
-
R1
0.10
-
0.25
Θ
0˚
4˚
8˚
Θ1
5˚
10˚
15˚
Sensor location
0.86mm
1.12mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com