Electronic Components Datasheet Search
  English  ▼

X  

HT3570S Datasheet(PDF) 5 Page - Hotchip Technology Co.,Ltd

Part # HT3570S
Description  ChargIng voltage external adjustable, maximum access voltage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT3570S Datasheet(HTML) 5 Page - Hotchip Technology Co.,Ltd

  HT3570S Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT3570S Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT3570S Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT3570S Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT3570S Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT3570S Datasheet HTML 6Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
HT3570S
5/6
www.hotchip.com.cn
单节锂离子电池充电管理
Ver1.0
静电防护措施
CMOS 电路为静电敏感器件,在生产、运输过
程中需采取下面的预防措施,可以有效防止 CMOS
电路由于受静电放电影响而引起的损坏;
1.操作人员要通过放静电腕带接地;
2.生产设备外壳必须接地;
3.装配过程中使用的工具必须接地;
4.必须采用半导体包装或抗静电材料包装或运输.
封装信息
SOP8
封装信息
Min
Max
Min
Max
A
1.350
1.750
0.053
0.069
A1
0.100
0.250
0.004
0.010
A2
1.300
1.550
0.051
0.061
b
0.330
0.510
0.013
0.020
c
0.200
0.260
0.008
0.010
D
4.700
5.100
0.185
0.200
E
3.800
4.000
0.150
0.157
E1
5.800
6.200
0.228
0.244
e
L
0.400
1.270
0.016
0.050
θ
0°
8°
0°
8°
Dimensions In Millimeters
Dimensions In Inches
Symbol
1.270(BSC)
0.050(BSC)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com