Electronic Components Datasheet Search
  English  ▼

X  

FD0252B Datasheet(PDF) 4 Page - Feeling Technology Corp.

Part # FD0252B
Description  Smart motor driver with embedded Hall sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD0252B Datasheet(HTML) 4 Page - Feeling Technology Corp.

  FD0252B Datasheet HTML 1Page - Feeling Technology Corp. FD0252B Datasheet HTML 2Page - Feeling Technology Corp. FD0252B Datasheet HTML 3Page - Feeling Technology Corp. FD0252B Datasheet HTML 4Page - Feeling Technology Corp. FD0252B Datasheet HTML 5Page - Feeling Technology Corp. FD0252B Datasheet HTML 6Page - Feeling Technology Corp. FD0252B Datasheet HTML 7Page - Feeling Technology Corp. FD0252B Datasheet HTML 8Page - Feeling Technology Corp. FD0252B Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
FD0252b
FD0256b
Rev1.9 Dec. 18, 2008
P.4
FEELING
TECHNOLOGY
ABSOLUTE MAXIMUM RATINGS
Values
Parameter
Symbol Conditions
min.
typ.
max.
Unit
Operating Temperature
TOP
-
-20
105
℃
Storage Temperature
TST
-
-40
150
℃
DC Supply Voltage
VDD, VRD
-
6.5
V
PWMHIGH
-
>0.5VDD
6.5
V
PWM Voltage Range
PWMLOW
-
0
<0.14VDD
V
Supply Current
IDD
-
3
mA
Continuous Current
ICONT
-
500
mA
Hold Current
IHOLD
-
800
mA
RD Pin Sink Current
IRD
-
25
mA
Junction Temperature
TJ
-
170
℃
PDT825
-
500
mW
Maximum Power Dissipation
PDT826
-
520
mW
T825
0.291
℃/mW
Thermal Resistance (note1)
θja
T826
0.280
℃/mW
T825
0.023
℃/mW
Thermal Resistance (note1)
θjc
T826
0.020
℃/mW
Magnetic Flux Density
B
Unlimited
Gauss
IR-Reflow Lead Temperature
TP
10sec
260
℃
Note1: device mounted with copper area of approximately 10mm
2, 1ØZ, no air flow. (room temperature: 25
℃)
Figure.4
Figure.5
Figure.6
255 ± 5
oC
10 ± 1 sec
150 ± 10
oC
90 ± 30 sec
2~5
oC /sec
2~5
oC /sec
SECOND
IR-ReFlow Soldering Condition
0
25
50
75
100
125
150
326
412
500
Pd (mW)
Temp. (
)
o C
T825 Power Dissipation Curve
175
240
154
68
0
105 oC
170 oC
0
25
50
75
100
125
150
339
428
520
Pd (mW)
Temp. (
)
o C
T826 Power Dissipation Curve
175
250
160
71
0
105 oC
170 oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com