Electronic Components Datasheet Search
  English  ▼

X  

FD0256b Datasheet(PDF) 6 Page - Feeling Technology Corp.

Part # FD0256b
Description  Smart motor driver with embedded Hall sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD0256b Datasheet(HTML) 6 Page - Feeling Technology Corp.

Back Button FD0256b Datasheet HTML 2Page - Feeling Technology Corp. FD0256b Datasheet HTML 3Page - Feeling Technology Corp. FD0256b Datasheet HTML 4Page - Feeling Technology Corp. FD0256b Datasheet HTML 5Page - Feeling Technology Corp. FD0256b Datasheet HTML 6Page - Feeling Technology Corp. FD0256b Datasheet HTML 7Page - Feeling Technology Corp. FD0256b Datasheet HTML 8Page - Feeling Technology Corp. FD0256b Datasheet HTML 9Page - Feeling Technology Corp. FD0256b Datasheet HTML 10Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
FD0252b
FD0256b
Rev1.9 Dec. 18, 2008
P.6
FEELING
TECHNOLOGY
Application Circuit Reference
Figure.8
Note:
Must use C1 capacitor for the decoupling between VDD and VSS and place the capacitor as close to the IC as
possible.
1. ZD1: VDD over-voltage stress protection diode.
2. R2: current limit resistor for Open Drain RD output.
3. R3: PWM Pull-up resistor for Open Drain PWM source signal.
4. R4: de-coupling resistor for long-distance signal transmission.
MLCC (0603)
2.2uF/6.3V
VDD
4.7 Ohm
(0603)
ce
1
2
3
5
4
R1
C1
D1
Schottky
diode 0.2V
ZD1
6.5V
L1
R2
100 Ohm
(0603)
MLCC (0603)
2.2uF/6.3V
VDD
4.7 Ohm
(0603)
cd
1
2
3
6
4
R1
C1
D1
Schottky
diode 0.2V
ZD1
6.5V
L1
R2
100 Ohm
(0603)
5
R4
R3
1K Ohm
(0603)
FD0256b
FD0252b
g
g
Option component



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com