Electronic Components Datasheet Search
  English  ▼

X  

FD0252F Datasheet(PDF) 2 Page - Feeling Technology Corp.

Part # FD0252F
Description  Smart motor driver with embedded Hall sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD0252F Datasheet(HTML) 2 Page - Feeling Technology Corp.

  FD0252F Datasheet HTML 1Page - Feeling Technology Corp. FD0252F Datasheet HTML 2Page - Feeling Technology Corp. FD0252F Datasheet HTML 3Page - Feeling Technology Corp. FD0252F Datasheet HTML 4Page - Feeling Technology Corp. FD0252F Datasheet HTML 5Page - Feeling Technology Corp. FD0252F Datasheet HTML 6Page - Feeling Technology Corp. FD0252F Datasheet HTML 7Page - Feeling Technology Corp. FD0252F Datasheet HTML 8Page - Feeling Technology Corp. FD0252F Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
FD0252f
FD0256f
Rev1.3 Dec. 18, 2008
P.2
FEELING
TECHNOLOGY
Pin Connection
Figure.2
Pin Descriptions
Legend: I=input, O=output, I/O=input/output, P=power supply, G=ground
Functional Descriptions
Refer to the block diagram (Figure.1), FD0252f/FD0256f is composed of the following building blocks:
Bias Generator
The bias generator provides precise, temperature- and process-insensitive bias references for the analog blocks.
These references guarantee proper operation of the IC under all conditions specified in this specification.
Oscillator
The built-in oscillator provides the clock signal for the digital control logics
Power-on Reset
Used to detect the power-up ramp and reset the digital circuits.
Chopper Amplifier
To achieve a higher magnetic sensitivity the chopper amplifier structure is adopted in this design. Use of this
structure dynamically removes both the offset and flicker noise at the same time.
Digital control logics
Hall sensor part – generates controlling signals for the Hall sensor.
Coil driver part – generates controlling signals for the Coil driver.
Signal part – generates an output signal of the rotation detection(RD).
Name
I/O
FD0252f
FD0256f
Description
RD
O
1
1
Rotation detection
VSS
G
2
2
Ground
NO
O
3
3
Driver output
SO
O
4
4
Driver output
VDD
P
5
5
Positive power supply
PWM
I
-
6
Pulse Width Modulation speed control
1
2
3
5
4
1
2
3
6
5
4
FD0256f
FD0252f
ce
cd
g
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com