Electronic Components Datasheet Search
  English  ▼

X  

LD5530GL Datasheet(PDF) 11 Page - Leadtrend Technology

Part # LD5530GL
Description  Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5530GL Datasheet(HTML) 11 Page - Leadtrend Technology

Back Button LD5530GL Datasheet HTML 7Page - Leadtrend Technology LD5530GL Datasheet HTML 8Page - Leadtrend Technology LD5530GL Datasheet HTML 9Page - Leadtrend Technology LD5530GL Datasheet HTML 10Page - Leadtrend Technology LD5530GL Datasheet HTML 11Page - Leadtrend Technology LD5530GL Datasheet HTML 12Page - Leadtrend Technology LD5530GL Datasheet HTML 13Page - Leadtrend Technology LD5530GL Datasheet HTML 14Page - Leadtrend Technology LD5530GL Datasheet HTML 15Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LD5530
11
Leadtrend Technology Corporation
LD5530-DS-00
Oct. 2013
compensate this, an offset voltage is added to the CS
signal by an internal current source (IOCP) and an external
resistor (ROCP) in series between the sense resistor (Rs)
and the CS/OVP pin, as shown in Fig. 17. By selecting a
proper value of the resistor in series with the CS pin, the
amount of compensation can be adjusted. The value of
IOCP depends on the duty cycle of OUT pin. The equation
of IOCP is decreased as:
)
125
.
0
Duty
(
uA
240
)
625
.
0
Duty
(
uA
0
)
625
.
0
Duty
125
.
0
(
uA
480
)
Duty
625
.
0
(
IOCP
In light load conditions, the offset should be removed
since it is in same order of magnitude as the current
sense signal. Therefore the compensation current is only
fully added when the COMP voltage is higher than 2.9V.
ROCP:470~1.2k; COCP:47pF~390pF
0.85V
OCP
Comparator
V BIAS
Duty/VCOMP
OUT
LEB
ROCP
RS
CS/OVP
IOCP
COCP
Fig. 17
Output Over Voltage Protection (CS/OVP
Pin) - Latch
An output overvoltage protection is implemented in the
LD5530, as shown in Fig. 18 and 19. It senses the
auxiliary voltage via the divided resistors. The auxiliary
winding voltage is reflected from secondary winding and
therefore the flat voltage on the
CS/OVP pin is
proportional to the output voltage. LD5530 can sample
this flat voltage level after a delay time to perform output
over voltage protection. This delay time is used to ignore
the voltage ringing from leakage inductance of PWM
transformer. The sampling voltage level is compared with
internal threshold voltage 0.2V. If the sampling voltage
exceeds the OVP trip level, an internal counter starts
counting subsequent OVP events. The counter has been
added to prevent incorrect OVP detection which might
occur during ESD or lightning events. However, when
typically 8 cycles of subsequent OVP events are detected,
the OVP circuit switches the power MOSFET off. As the
protection is latch, the converter restarts after the AC is
plug out and in.
ROCP
RS
CS
AUX
0.2V
OUT
Sample
Delay
Debouce
8 cycle
OVP
Fig. 18
Delay
Sample
Out
AUX Winding
CS/OVP
Fig. 19
Over
Load
Protection
(OLP)
-
Auto
Recovery
To protect the circuit from damage in over-load condition
and short or open-loop condition, the
LD5530
is
implemented with smart OLP function. It also features
auto recovery function; see Fig. 20 for the waveform. In
case of fault condition, the feedback system will force the
voltage loop toward the saturation and then pull the
voltage high on COMP pin (VCOMP).
When the VCOMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com