Electronic Components Datasheet Search
  English  ▼

X  

LD5850 Datasheet(PDF) 3 Page - Leadtrend Technology

Part # LD5850
Description  Boost Controller for LED Backlight
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5850 Datasheet(HTML) 3 Page - Leadtrend Technology

  LD5850 Datasheet HTML 1Page - Leadtrend Technology LD5850 Datasheet HTML 2Page - Leadtrend Technology LD5850 Datasheet HTML 3Page - Leadtrend Technology LD5850 Datasheet HTML 4Page - Leadtrend Technology LD5850 Datasheet HTML 5Page - Leadtrend Technology LD5850 Datasheet HTML 6Page - Leadtrend Technology LD5850 Datasheet HTML 7Page - Leadtrend Technology LD5850 Datasheet HTML 8Page - Leadtrend Technology LD5850 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LD5850
3
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5850-DS-00
November 2012
Block Diagram
Internal Bias
& Vref
Vref
UVLO
8.7V/7.0V
VCC OK
Vref OK
Driver
Stage
SCP
DIM
S
R
Q
Osillator
PWM
Comparator
OCP
Comparator
0.5V
Slope
Compensation
LEB
Voltage Divider
&
Buffer
GM
0.3V
OVP
SCP
0.2V
2.5V
DIM
COMP
GND
CS
OVP
DIM
VCC
14V
FB
DRV
0.6V
LED SHORT
LED SHORT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com