Electronic Components Datasheet Search
  English  ▼

X  

LD7830 Datasheet(PDF) 10 Page - Leadtrend Technology

Part # LD7830
Description  High Power Factor Flyback LED Controller with HV Start-up
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7830 Datasheet(HTML) 10 Page - Leadtrend Technology

Back Button LD7830 Datasheet HTML 6Page - Leadtrend Technology LD7830 Datasheet HTML 7Page - Leadtrend Technology LD7830 Datasheet HTML 8Page - Leadtrend Technology LD7830 Datasheet HTML 9Page - Leadtrend Technology LD7830 Datasheet HTML 10Page - Leadtrend Technology LD7830 Datasheet HTML 11Page - Leadtrend Technology LD7830 Datasheet HTML 12Page - Leadtrend Technology LD7830 Datasheet HTML 13Page - Leadtrend Technology LD7830 Datasheet HTML 14Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LD7830
10
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7830-DS-01a
August 2012
Vcc
UVLO(on)
UVLO(off)
t
t
HV Current
1.3mA
Startup Current
Vcc current
~ 0mA (off)
Operating Current
(Supply from Auxiliary Winding)
PDR
3.1mA
Fig. 14
Ramp Generator Block and Zero Current
Detection (ZCD)
Fig. 15 shows typical ramp generator block and ZCD
block. The comp pin voltage and the output of the ramp
generator block are compared to determine the MOSFET
ON-time, as shown in Fig. 16.
A greater comp voltage produces more ON-time. Using
an external resistor connected to ZCD pin to set the
desired slope of the internal ramp, the user may program
the maximum ON-time. Alternatively, the ON-time will
also achieve its maximum when COMP pin voltage trip
OLP trigger point.
The maximum ON-time should be set according to the
condition of the transformer, lowest AC line voltage, and
maximum output power. A choice of optimum resistor
value would result in best performance.
It shuts down the drive output if COMP pin voltage falls
below zero ON-time threshold. This optimizes the
efficiency in power saving in most conditions.
The Zero Current Detection block will detect auxiliary
winding signal to drive MOSFET as ZCD pin voltage
drops to 0.1V. As ZCD pin voltage drop to 0.1V, the
current through the transformer is below zero. This
feature enables transition-mode operation. The ZCD
comparator would not operate if ZCD pin voltage remains
at above 0.2V. Once it drops below 0.1V, the zero current
detector will act to turn on the MOSFET.
PWM
Comparator
R
S
Q
OCP
ZCD
0.1V/0.2V
COMP
Start Timer
0.8V
Zero ON
Time
Burst Mode
Ramp generator
0.5V
Comparator
Vref
Fmax limit
ZCD Blanking
ZCD
Turn-On
Turn-Off
RZ1
RZ2
Naux
Fig. 15
The 150
s timer generates a MOSFET turn-on signal if
the driver output drops to low level for more than 150
s
from the falling edge of the driver output. Fig. 16 shows
typical ZCD-related waveforms. Since ZCD pin carries
some capacitance, it produces some delay to the turn-on
time caused from Rz1. During delay time, the junction
capacitor of the MOSFET resonates with the primary
inductor of the transformer and the drain-source voltage
(VDS) decreases accordingly. So, the MOSFET consumes
less voltage to turn on and it therefore minimizes the
power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com