Electronic Components Datasheet Search
  English  ▼

X  

LD7832GS Datasheet(PDF) 12 Page - Leadtrend Technology

Part # LD7832GS
Description  High Power Factor LED Controller with HV Start-up
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7832GS Datasheet(HTML) 12 Page - Leadtrend Technology

Back Button LD7832GS Datasheet HTML 8Page - Leadtrend Technology LD7832GS Datasheet HTML 9Page - Leadtrend Technology LD7832GS Datasheet HTML 10Page - Leadtrend Technology LD7832GS Datasheet HTML 11Page - Leadtrend Technology LD7832GS Datasheet HTML 12Page - Leadtrend Technology LD7832GS Datasheet HTML 13Page - Leadtrend Technology LD7832GS Datasheet HTML 14Page - Leadtrend Technology LD7832GS Datasheet HTML 15Page - Leadtrend Technology LD7832GS Datasheet HTML 16Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LD7832
12
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7832-DS-00 April 2013
Output Drive Stage
An output stage of a CMOS buffer, with typical
250mA/-500mA driving capability, is incorporated to
drive the power MOSFET directly.
The output voltage
is clamped at 13V to protect the MOSFET gate even
when the VCC voltage rises over 13V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com