Electronic Components Datasheet Search
  English  ▼

X  

LD7890GS Datasheet(PDF) 12 Page - Leadtrend Technology

Part # LD7890GS
Description  High Voltage 4-Channel LED Controller Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7890GS Datasheet(HTML) 12 Page - Leadtrend Technology

Back Button LD7890GS Datasheet HTML 8Page - Leadtrend Technology LD7890GS Datasheet HTML 9Page - Leadtrend Technology LD7890GS Datasheet HTML 10Page - Leadtrend Technology LD7890GS Datasheet HTML 11Page - Leadtrend Technology LD7890GS Datasheet HTML 12Page - Leadtrend Technology LD7890GS Datasheet HTML 13Page - Leadtrend Technology LD7890GS Datasheet HTML 14Page - Leadtrend Technology LD7890GS Datasheet HTML 15Page - Leadtrend Technology LD7890GS Datasheet HTML 16Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LD7890
12
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7890-DS-01 November, 2013
0.2V
0%
1.2V
100%
DIM
Voltage
PWM DUTY
MOSFET Over-Current Protection
The LD7890 provides cycle-by-cycle current limit to
protect the MOSFET. During the MOSFET turn-on,
LD7890 will reduce DRV duty cycle once it detects VCS
rises above 0.5V, approximately.
Output
over
Voltage
and
LED
Open
Protection
As OVP pin is approaching the threshold voltage 2.5V, the
device will start to detect the SENSE pins. If there is any
of these pins stays below 0.2V, it appears to have some
channel failure. The LED driver will turn off the failure
ones and pull low the STATUS pin.
Place the bypass capacitor between OVP and signal
ground as close as possible. It will suppress the noise and
protect OVP from abnormal condition.
Unused LED Channel
If there
’s any output channel is unused, connect the
particular SENSEN with 100K resistor to GND and short
GateN and FBN together with a 220k resistor to route
with SenseN pin.
Gate n
Sense n
FB n
220K
100K
LED String Short Protection
The function block below provides LED short-circuit
protection whenever short circuit of LED module occurs.
In condition of VD -ISPxRSP > VLEDSP, it will send a signal to
pull low STATUS and turn off the failed LED channel.
Vout
VLEDSP
LED Short
Protection
ISP
VZ
VD
RSP
FBx
BT
Thermal protection
Thermal protection limits total power dissipation in this
device. When the junction temperature reaches 150
C
approximately, the thermal sensor signals the shutdown
logic to turn off the device. The thermal sensor will not
resume until
the IC’s junction temperature cools down
approximately 30°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com