Electronic Components Datasheet Search
  English  ▼

X  

IRMDAC2 Datasheet(PDF) 1 Page - International Rectifier

Part # IRMDAC2
Description  IR2133 Reference Design Kit: 3-Phase 230VAC 3HP Motor Drive 3-Phase 230VAC 3HP Motor Drive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMDAC2 Datasheet(HTML) 1 Page - International Rectifier

  IRMDAC2 Datasheet HTML 1Page - International Rectifier IRMDAC2 Datasheet HTML 2Page - International Rectifier IRMDAC2 Datasheet HTML 3Page - International Rectifier IRMDAC2 Datasheet HTML 4Page - International Rectifier IRMDAC2 Datasheet HTML 5Page - International Rectifier IRMDAC2 Datasheet HTML 6Page - International Rectifier IRMDAC2 Datasheet HTML 7Page - International Rectifier IRMDAC2 Datasheet HTML 8Page - International Rectifier IRMDAC2 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Product Description
The IRMDAC2 Reference Design is a kit of parts
that work together as an evaluation platform for
IR2133 three phase motor control IC and
IRPT2056A power module. User connects three
phase AC, drive signals, motor and hall sensors to
complete the system. Power hook-up is via terminal
blocks and control signals are made using a single
in line header.
How the IR2133 Control IC Adds Value
·
Monolithic HVIC Integrates Control and Drive
Yields Compact, Robust, Economical Designs
·
Allows Elegant, Convenient System Partition
·
Compatible with Short Circuit, Ground Fault and
Over-Temperature Protection Schemes
How the Power Module Adds Value
Integration of All Inverter Power Components;
·
Low Parasitic Coupling = High Performance
·
Current Sensing Shunts in DC Feed and Return
·
Onboard Temperature Sensor
·
Easily Mounted Package
·
Short Circuit Rated, Ultrafast IGBT Gen #4
·
Wide Operating Temperature Range
·
Metal Base gives Excellent Thermal Transfer
and Isolation to 2500V RMS
Kit Content
1 Host PCB for Input Processing and Control
2 IRPT2056A Integrated Power Module
3 IR2133J Three Phase Motor Control IC
Technical Contact and License Detail
Schematic and PCB Layout Data
Bill of Materials and Supplier Information
System Block Diagram
Fig 3
IRMDAC2
Host PCB
Bottom Layer
M
IGBT
Power Module
2
Host PCB
1,3
Control
Heatsink
Rotor
Position
Sense
USER
KIT
Signal
Power
Physical
KEY
M
IR2133 Reference Design Kit: 3-Phase 230VAC 3HP Motor Drive
System Features
·
230V Three Phase AC Inlet, 50/60Hz
·
Convenient Signal and Power Terminations
·
Inrush Current Limit and Surge Suppression
·
Integral +15V and +5V Bias Supplies
·
DC Bus Voltage and Current Feedback
·
150% Overload Capability (1 Minute)
·
Optimized Drive for Power Module
Fig 2
1
2
3
Fig 1: IRMDAC2 Hardware
IRMDAC2
Reference Design Data Sheet (October 1998)


Similar Part No. - IRMDAC2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMDAC3 IRF-IRMDAC3 Datasheet
97Kb / 9P
Reference Design Kit: 3-Phase 460VAC 3HP Motor Drive
IRMDAC4 IRF-IRMDAC4 Datasheet
87Kb / 7P
IR2137Q monolithic 3-phase HVIC driver
More results

Similar Description - IRMDAC2

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SDA05 SANKEN-SDA05 Datasheet
20Kb / 1P
PNP Darlington 3-phase motor drive
SDC07 SANKEN-SDC07 Datasheet
20Kb / 1P
NPN Darlington 3-phase motor drive
STA304A SANKEN-STA304A Datasheet
21Kb / 1P
NPN Darlington 3-phase motor drive
STA305A SANKEN-STA305A Datasheet
21Kb / 1P
PNP Darlington 3-phase motor drive
logo
List of Unclassifed Man...
SLA5080 ETC1-SLA5080 Datasheet
46Kb / 1P
N-channel 3-phase motor drive
SLA5079 ETC1-SLA5079 Datasheet
47Kb / 1P
P-channel 3-phase motor drive
logo
International Rectifier
IRMDAC3 IRF-IRMDAC3 Datasheet
97Kb / 9P
Reference Design Kit: 3-Phase 460VAC 3HP Motor Drive
logo
Sanken electric
SDA05 SANKEN-SDA05_01 Datasheet
35Kb / 1P
PNP Darlington 3-phase motor drive
SDC07 SANKEN-SDC07_01 Datasheet
33Kb / 1P
NPN Darlington 3-phase motor drive
SMA5135 SANKEN-SMA5135 Datasheet
484Kb / 9P
3-phase Motor Drive Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com