Electronic Components Datasheet Search
  English  ▼

X  

LD8105GL Datasheet(PDF) 6 Page - Leadtrend Technology

Part # LD8105GL
Description  Constant Voltage and Constant Current Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8105GL Datasheet(HTML) 6 Page - Leadtrend Technology

  LD8105GL Datasheet HTML 1Page - Leadtrend Technology LD8105GL Datasheet HTML 2Page - Leadtrend Technology LD8105GL Datasheet HTML 3Page - Leadtrend Technology LD8105GL Datasheet HTML 4Page - Leadtrend Technology LD8105GL Datasheet HTML 5Page - Leadtrend Technology LD8105GL Datasheet HTML 6Page - Leadtrend Technology LD8105GL Datasheet HTML 7Page - Leadtrend Technology LD8105GL Datasheet HTML 8Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LD8105
6
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8105-DS-00
May 2012
Typical Performance Characteristics
Fig. 1
Quiescent Current vs. Temperature
Temperature (
C)
76
81
86
91
96
-40
0
60
100
120
80
80
20
-20
Vcc=3V
Vcc=15V
Fig. 2
Low Output Voltage Level vs. Temperature
Temperature (
C)
57
73
89
105
121
-40
0
60
100
120
80
80
20
-20
Vcc=3V
Vcc=15V
Fig. 3
Voltage Loop Reference vs. Temperature
Temperature (
C)
1.19
1.20
1.21
1.22
1.23
-40
0
60
100
120
80
80
20
-20
Vcc=3V
Vcc=15V
Fig. 4
Current Loop Reference vs. Temperature
Temperature (
C)
99
100
101
102
103
-40
0
60
100
120
80
80
20
-20
Vcc=3V
Vcc=15V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com