Electronic Components Datasheet Search
  English  ▼

X  

FM8PC71AMAEP Datasheet(PDF) 48 Page - Feeling Technology Corp.

Part # FM8PC71AMAEP
Description  FTC 8-Bit Micro-Controller With 12-bits ADC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FM8PC71AMAEP Datasheet(HTML) 48 Page - Feeling Technology Corp.

Back Button FM8PC71AMAEP Datasheet HTML 44Page - Feeling Technology Corp. FM8PC71AMAEP Datasheet HTML 45Page - Feeling Technology Corp. FM8PC71AMAEP Datasheet HTML 46Page - Feeling Technology Corp. FM8PC71AMAEP Datasheet HTML 47Page - Feeling Technology Corp. FM8PC71AMAEP Datasheet HTML 48Page - Feeling Technology Corp. FM8PC71AMAEP Datasheet HTML 49Page - Feeling Technology Corp. FM8PC71AMAEP Datasheet HTML 50Page - Feeling Technology Corp. FM8PC71AMAEP Datasheet HTML 51Page - Feeling Technology Corp. FM8PC71AMAEP Datasheet HTML 52Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 73 page
background image
FM8PC71AM
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
P.48
R1.1.004, Aug 7, 2017
FM8PC71AM
遠翔科技
Feeling Technology
Address 25H: PWM3Timer Low byte value Register (P3TMLB)
Bits
7
6
5
4
3
2
1
0
Name
P3TM[7:0]/
Read/Write
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
Name
N3[7:0]
Default
0
0
0
0
0
0
0
0
Read/Write
W
W
W
W
W
W
W
W
Bit[7:0] : P3TM[7:0]
PWM3 Timer Low byte read only
Bit[7:0] :N3[7:0]
Divider parameter by (N3+1) for Fcpu/Firc/fosc write only, read by IOSTR.
Address 25H: PWM3 Timer Divider parameter Register (N3)
Bits
7
6
5
4
3
2
1
0
Name
N3[7:0]
Default
0
0
0
0
0
0
0
0
Read/Write
R
R
R
R
R
R
R
R
Read only by IOSTR instruction
Bit[7:0] : N3[7:0]
Divider parameter by (N3+1) for Fcpu/Firc/fosc Read only
Address 26H: PWM3 Timer compared or overflow reload Low byte value Register (P3RDLB)
Bits
7
6
5
4
3
2
1
0
Name
P3TRD [7:0]
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Bit[7:0] : P3TRD [7:0]
PWM3 Timer compared or overflow reload Low byte
Address 27H: PWM3 Timer and reload High-nibble bits Register(P3TRHB)
Bits
7
6
5
4
3
2
1
0
Name
P3TM [11:8]
P3TRD [11:8]
Read/Write
R
R
R
R
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Bit[7:4] : P3TM[11:8]
PWM3 Timer high-nibble bits
Bit[3:0] : P3TRD [11:8]
PWM3 Timer compared or overflow reload high-nibble bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com