Electronic Components Datasheet Search
  English  ▼

X  

MSM6690 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM6690
Description  ROM Interface IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6690 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM6690 Datasheet HTML 1Page - OKI electronic componets MSM6690 Datasheet HTML 2Page - OKI electronic componets MSM6690 Datasheet HTML 3Page - OKI electronic componets MSM6690 Datasheet HTML 4Page - OKI electronic componets MSM6690 Datasheet HTML 5Page - OKI electronic componets MSM6690 Datasheet HTML 6Page - OKI electronic componets MSM6690 Datasheet HTML 7Page - OKI electronic componets MSM6690 Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
¡ Semiconductor
MSM6690
5
¡ Semiconductor
MSM6690
ROM Interface IC
GENERAL DESCRIPTION
The MSM6690 can drive three devices of 131,072 x 8-bit EPROM or Mask ROM.
The MSM6690 contains a built-in internal address generator circuit and one external clock input
that enables contiued serial read operations. The internal address counter is automatically
incremented by one each read operation. The external serial address input allows 1,024 words
to be addressed in the X-direction, and 1,024 words in the Y-direction.
*
ROM is selected through CS1, CS2 and CS3 pins.
FEATURES
• Capable of driving three devices of 1 Mbit EPROM
• Capable of driving three devices of 1 Mbit Mask ROM
• Supply voltage
: Single 5 V
• Package options
: 42-pin plastic DIP (DIP42-P-600) (Product name: MSM6690RS)
44-pin plastic QFP (QFP44-P-910-2K) (Product name: MSM6690GS-2K)
*
Available combinations
MSM6388/6588
MSM6688/6788/6789A
++
MSM6389/6587/6586
(MSM6684/6685)
++
MSM6690
MSM6690
++
ROM
ROM
Note: When driving the MSM6690 with the MSM6388 or the MSM6588, a serial register
(MSM6389, MSM6688 or MSM6586) is required.
In the case of the MSM6688, MSM6788 and MSM6789A, a playback system can be
constructed without a serial register (MSM6684 or MSM6685).


Similar Part No. - MSM6690

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6691 OKI-MSM6691 Datasheet
168Kb / 7P
DRAM Interface IC
MSM6698 OKI-MSM6698 Datasheet
93Kb / 8P
80-DOT COMMON DRIVER
More results

Similar Description - MSM6690

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6652 OKI-MSM6652 Datasheet
452Kb / 45P
Internal Mask ROM Voice Synthesis IC, Internal One-Time-Programmable OTP ROM Voice Synthesis IC, External ROM Drive Voice Synthesis IC
logo
NXP Semiconductors
SAA7380 PHILIPS-SAA7380 Datasheet
227Kb / 60P
Error correction and host interface IC for CD-ROM ELM
1996 Apr 25
SAA7382 PHILIPS-SAA7382 Datasheet
226Kb / 60P
Error correction and host interface IC for CD-ROM ELM
1996 Apr 25
SAA7385 PHILIPS-SAA7385 Datasheet
251Kb / 64P
Error correction and host interface IC for CD-ROM SEQUOIA
1996 Jun 19
SAA7388 PHILIPS-SAA7388 Datasheet
226Kb / 60P
Error correction and host interface IC for CD-ROM ELM
1996 Apr 26
TDA8002 PHILIPS-TDA8002 Datasheet
132Kb / 28P
IC card interface
1997 Nov 04
TDA8002C PHILIPS-TDA8002C Datasheet
139Kb / 28P
IC card interface
1999 Oct 12
logo
Rohm
BA5944FP ROHM-BA5944FP Datasheet
82Kb / 2P
BTL Driver IC for CD-ROM
logo
Hitachi Semiconductor
HA12220F HITACHI-HA12220F Datasheet
143Kb / 20P
CD-ROM Drive Head Amplifier IC
logo
Sanyo Semicon Device
LA9247T SANYO-LA9247T Datasheet
83Kb / 6P
CD-ROM Digital Servo RF IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com