Electronic Components Datasheet Search
  English  ▼

X  

AND8199 Datasheet(PDF) 1 Page - ON Semiconductor

Part # AND8199
Description  THERMAL STABILITY OF MOSFETS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8199 Datasheet(HTML) 1 Page - ON Semiconductor

  AND8199 Datasheet HTML 1Page - ON Semiconductor AND8199 Datasheet HTML 2Page - ON Semiconductor AND8199 Datasheet HTML 3Page - ON Semiconductor AND8199 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 Semiconductor Components Industries, LLC, 2005
January, 2005 − Rev. 0
1
Publication Order Number:
AND8199/D
AND8199
Thermal Stability of
MOSFETs
Prepared by: Alan Ball
ON Semiconductor
Application Engineering Manager
A variety of applications use hot−swap controllers, often
to increase the reliability of a system. However, a failure in
the hot−swap circuit would defeat that purpose. When you
use MOSFETs in their active region to control current, such
as you would for a controller that operates in a
constant−current mode of operation, they have an inherent
failure mechanism. In this mode, the MOSFET can get
hot spots and fail, long before the device exceeds its
Safe Operating Area (SOA) ratings.
Engineers have long understood that MOSFETs are
positive temperature coefficient devices. Therefore, as the
temperature of the device increases, the resistance increases.
In other words, higher temperatures result in lower currents.
This fact is important if you want to operate MOSFETs in
parallel. With a good thermal path between devices, the
positive temperature coefficient reduces the current in the
hottest device and forces more of it to flow in the cooler
device, thereby avoiding thermal runaway.
Engineers often think of a MOSFET as a single power
transistor, but it is a collection of thousands of tiny power
FET cells connected in parallel. In terms of sharing current,
the same application of the positive temperature coefficient
applies. In this case, the thermal path between the cells is
better than that of separate packaged devices, because the
cells are all on the same die.
As the current density of a small group of cells increases,
those cells heat up, increasing the resistivity of those cells
and forcing current to flow in neighboring cells, which
minimizes the thermal gradient and avoids hot spots. This
process is an essential physical tenet that allows the parallel
array of cells to function reliably.
If the MOSFET exhibits a negative thermal coefficient,
today’s parallel cell structure would cause serious reliability
issues. In fact, in some modes of operation, the thermal
coefficient goes negative. You can easily understand this
phenomenon by looking at the transconductance curves for
a FET device (refer to Reference 1).
A typical set of transconductance curves clearly
demonstrates this effect as shown by Figure 1. Below are
curves
from
three
typical
devices
used
in
hot swap applications.
24
12
8
4
7
6
5
4
3
2
1
0
0
89
16
20
0
Figure 1. Transfer Characteristics for NTD12N10
VGS, GATE−TO−SOURCE VOLTAGE (V)
TJ = 25°C
TJ = −55°C
TJ = 100°C
VDS ≥ 10 V
Figure 2. International Rectifier IRF530
100
10
4.0
5.0
6.0
7.0
8.0
VGS, GATE−TO−SOURCE VOLTAGE (V)
TJ = 25°C
TJ = 175°C
VDS = 50 V
20 ms = Pulse Width
http://onsemi.com


Similar Part No. - AND8199

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AND8109 ONSEMI-AND8109 Datasheet
32Kb / 2P
LED CONSTANT CURRENT SOURCE SCHEME
January, 2003 ??Rev. 0
AND8112 ONSEMI-AND8112 Datasheet
205Kb / 12P
A Quasi-Resonant SPICE Model Eases Feedback Loop Designs
October, 2003 ??Rev. 1
AND8116 ONSEMI-AND8116 Datasheet
90Kb / 8P
Integrated Relay/Inductive Load Drivers for Industrial and Automotive Applications
September, 2003 ??Rev. 1
AND8116D ONSEMI-AND8116D Datasheet
90Kb / 8P
Integrated Relay/Inductive Load Drivers for Industrial and Automotive Applications
September, 2003 ??Rev. 1
AND8130 ONSEMI-AND8130 Datasheet
40Kb / 4P
Analog Switch Allows USB Switching at Low Voltages
August, 2003 ??Rev. 0
More results

Similar Description - AND8199

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LET9180 STMICROELECTRONICS-LET9180 Datasheet
314Kb / 10P
Excellent thermal stability
29-May-2013
STAC150V2-350E STMICROELECTRONICS-STAC150V2-350E Datasheet
521Kb / 12P
Excellent thermal stability
24-Jan-2013
LET9070CB STMICROELECTRONICS-LET9070CB Datasheet
725Kb / 14P
Excellent thermal stability
July 2013 Rev 2
LET16060C STMICROELECTRONICS-LET16060C Datasheet
280Kb / 9P
Excellent thermal stability
April 2014 Rev 3
PD84006-E STMICROELECTRONICS-PD84006-E Datasheet
214Kb / 11P
Excellent thermal stability
23-May-2012
STAC2942F STMICROELECTRONICS-STAC2942F Datasheet
533Kb / 16P
Excellent thermal stability
25-Oct-2011
STAC2943 STMICROELECTRONICS-STAC2943 Datasheet
350Kb / 12P
Excellent thermal stability
16-Jan-2012
STAC3933 STMICROELECTRONICS-STAC3933 Datasheet
290Kb / 14P
Excellent thermal stability
17-Jan-2012
STAC4932B STMICROELECTRONICS-STAC4932B Datasheet
508Kb / 13P
Excellent thermal stability
27-Jan-2014
STAC4932F STMICROELECTRONICS-STAC4932F Datasheet
330Kb / 12P
Excellent thermal stability
02-Sep-2010
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com