Electronic Components Datasheet Search
  English  ▼

X  

FP701 Datasheet(PDF) 5 Page - Feeling Technology Corp.

Part # FP701
Description  Single Operational Amplifier and Voltage Reference
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP701 Datasheet(HTML) 5 Page - Feeling Technology Corp.

  FP701 Datasheet HTML 1Page - Feeling Technology Corp. FP701 Datasheet HTML 2Page - Feeling Technology Corp. FP701 Datasheet HTML 3Page - Feeling Technology Corp. FP701 Datasheet HTML 4Page - Feeling Technology Corp. FP701 Datasheet HTML 5Page - Feeling Technology Corp. FP701 Datasheet HTML 6Page - Feeling Technology Corp. FP701 Datasheet HTML 7Page - Feeling Technology Corp. FP701 Datasheet HTML 8Page - Feeling Technology Corp. FP701 Datasheet HTML 9Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
FP701
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev.1.0
5/9
Recommended Operating Conditions
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply Voltage
Vcc
3
25
V
Operating Temperature
-20
+85
°C
DC Electrical Characteristics
(VCC=12V, TA= 25°C, unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Operating Amplifier
TAMB=25℃
1
3
Input Offset Voltage
VIO
TMIN≦TAMB≦TMAX
5
mV
Input Offset Voltage Drift
DVio
7
μV /
℃
TAMB=25
℃
-80
-250
IN- Input Bias Current
Iib
TMIN≦TAMB≦TMAX
-500
nA
Large Signal Voltage Gain
Avd
50
V / mV
Output Sink Current
ISINK
VIN-=2V, VOUT=1.2V
30
mA
Low Level Output Voltage
VOL
VIN-=2V, ISINK=20mA
0.9
1
V
Output Leakage Current
ILEAK
VOUT=25V, VIN-=0.5V
0.1
1
μA
Output Switch Hysteresis
HYS.
100
mV
Voltage Reference
TAMB=25
℃
1.237
1.25
1.263
Reference Voltage
VREF
TMIN≦TAMB≦TMAX
1.225
1.275
V
Reference Voltage Deviation Over
Temperature Range
ΔVREF
TMIN≦TAMB≦TMAX
10
mV
Line Regulation
3.0V≦VCC 25V
≦
1
3
mV
Load Regulation
IREF =0μA to 40μA
3
5
mV
Total Supply Current
IC Supply Current
ICC
VCC=25V
0.4
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com