Electronic Components Datasheet Search
  English  ▼

X  

1.0SMB Datasheet(PDF) 3 Page - Anova Technologies CO., LTD.

Part # 1.0SMB
Description  Surface Mount Transient Voltage Suppressors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANOVA [Anova Technologies CO., LTD.]
Direct Link  https://www.anova-semi.com/index_en.php
Logo ANOVA - Anova Technologies CO., LTD.

1.0SMB Datasheet(HTML) 3 Page - Anova Technologies CO., LTD.

  1.0SMB Datasheet HTML 1Page - Anova Technologies CO., LTD. 1.0SMB Datasheet HTML 2Page - Anova Technologies CO., LTD. 1.0SMB Datasheet HTML 3Page - Anova Technologies CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1.0SMB Series
www.anova-semi.com
Revision: C
Jul-18-2018
P. 3
Uni
Bi
Min (V) Max (V) IT (mA)
1.0SMB6.8A 1.0SMB6.8CA A10A N10A
6.46
7.14
10
900
5.8
95.2
10.5
1.0SMB7.5A 1.0SMB7.5CA A10B N10B
7.13
7.88
10
400
6.4
88.5
11.3
1.0SMB8.2A 1.0SMB8.2CA A10C N10C
7.79
8.61
10
180
7.0
82.6
12.1
1.0SMB9.1A 1.0SMB9.1CA A10D N10D
8.65
9.56
1
45
7.8
74.6
13.4
1.0SMB10A
1.0SMB10CA A10E N10E
9.50
10.50
1
8
8.6
69.0
14.5
1.0SMB11A
1.0SMB11CA A10F N10F
10.45
11.55
1
4
9.4
64.1
15.6
1.0SMB12A
1.0SMB12CA A10G N10G
11.40
12.60
1
1
10.2
59.9
16.7
1.0SMB13A
1.0SMB13CA A10H N10H
12.35
13.65
1
1
11.1
54.9
18.2
1.0SMB15A
1.0SMB15CA A10I N10I
14.25
15.75
1
1
12.8
47.2
21.2
1.0SMB16A
1.0SMB16CA A10J N10J
15.20
16.80
1
1
13.6
44.4
22.5
1.0SMB18A
1.0SMB18CA A10K N10K
17.10
18.90
1
1
15.3
39.7
25.2
1.0SMB20A
1.0SMB20CA A10L N10L
19.00
21.00
1
1
17.1
36.1
27.7
1.0SMB22A
1.0SMB22CA A10M N10M
20.90
23.10
1
1
18.8
32.7
30.6
1.0SMB24A
1.0SMB24CA A10N N10N
22.80
25.20
1
1
20.5
30.1
33.2
1.0SMB27A
1.0SMB27CA A10O N10O
25.65
28.35
1
1
23.1
26.7
37.5
1.0SMB30A
1.0SMB30CA A10P N10P
28.50
31.50
1
1
25.6
24.2
41.4
1.0SMB33A
1.0SMB33CA A10Q N10Q
31.35
34.65
1
1
28.2
21.9
45.7
1.0SMB36A
1.0SMB36CA A10R N10R
34.20
37.80
1
1
30.8
20.0
49.9
1.0SMB39A
1.0SMB39CA A10S N10S
37.05
40.95
1
1
33.3
18.6
53.9
1.0SMB43A
1.0SMB43CA A10T N10T
40.85
45.15
1
1
36.8
16.9
59.3
1.0SMB47A
1.0SMB47CA A10U N10U
44.65
49.35
1
1
40.2
15.4
64.8
1.0SMB51A
1.0SMB51CA A10V N10V
48.45
53.55
1
1
43.6
14.3
70.1
1.0SMB56A
1.0SMB56CA A10W N10W
53.20
58.80
1
1
47.8
13.0
77.0
1.0SMB62A
1.0SMB62CA A10X N10X
58.90
65.10
1
1
53.0
11.8
85.0
1.0SMB68A
1.0SMB68CA A10Y N10Y
64.60
71.40
1
1
58.1
10.9
92.0
1.0SMB75A
1.0SMB75CA A10Z N10Z
71.25
78.75
1
1
64.1
9.7
103.0
Note:
Device
Marking
Code
Breakdown Voltage VBR
@IT
Maximum
Reverse
Leakage IR
@VRWM
(uA)
Working
Peak Reverse
Voltage
VRWM
(V)
Maximum
Reverse
Surge
Current IPP
(A)
Maximum
Clamping
Voltage
VC@IPP
(V)
1. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices
2. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double
Electrical Characteristics(TA=25℃ unless otherwise noted)
Part Number
(Uni)
Part Number
(Bi)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com