Electronic Components Datasheet Search
  English  ▼

X  

3KP Datasheet(PDF) 4 Page - Anova Technologies CO., LTD.

Part # 3KP
Description  Axial Lead Transient Voltage Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANOVA [Anova Technologies CO., LTD.]
Direct Link  https://www.anova-semi.com/index_en.php
Logo ANOVA - Anova Technologies CO., LTD.

3KP Datasheet(HTML) 4 Page - Anova Technologies CO., LTD.

  3KP Datasheet HTML 1Page - Anova Technologies CO., LTD. 3KP Datasheet HTML 2Page - Anova Technologies CO., LTD. 3KP Datasheet HTML 3Page - Anova Technologies CO., LTD. 3KP Datasheet HTML 4Page - Anova Technologies CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3KP Series
www.anova-semi.com
Revision: F
Jul-27-2018
P. 4
Min (V) Max (V) IT (mA)
3KP160A
3KP160CA
178.00
197.0
5
2
160
11.58
259.0
3KP170A
3KP170CA
189.00
209.0
5
2
170
10.91
275.0
3KP180A
3KP180CA
200.00
220.0
5
2
180
10.29
291.6
3KP190A
3KP190CA
211.00
232.0
5
2
190
9.75
307.8
3KP200A
3KP200CA
224.00
247.0
5
2
200
9.26
324.0
3KP210A
3KP210CA
233.00
258.0
5
2
210
8.58
349.5
3KP220A
3KP220CA
246.00
272.0
5
2
220
8.43
356.0
3KP250A
3KP250CA
279.00
309.0
5
2
250
7.41
405.0
3KP300A
3KP300CA
335.00
371.0
5
2
300
6.17
486.0
3KP350A
3KP350CA
391.00
432.0
5
2
350
5.29
567.0
3KP400A
3KP400CA
447.00
494.0
5
2
400
4.63
648.0
3KP440A
3KP440CA
492.00
543.0
5
2
440
4.21
713.0
Note:
1. Suffix 'A ' denotes 5% tolerance device.
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double
Electrical Characteristics(TA=25℃ unless otherwise noted)
Part Number
(Uni)
Part Number
(Bi)
Breakdown Voltage VBR @IT
Maximum
Reverse
Leakage IR
@VRWM
(uA)
Working
Peak Reverse
Voltage
VRWM
(V)
Maximum
Reverse
Surge
Current IPP
(A)
Maximum
Clamping
Voltage VC
@IPP
(V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com