Electronic Components Datasheet Search
  English  ▼

X  

FP703 Datasheet(PDF) 1 Page - Feeling Technology Corp.

Part # FP703
Description  Single Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP703 Datasheet(HTML) 1 Page - Feeling Technology Corp.

  FP703 Datasheet HTML 1Page - Feeling Technology Corp. FP703 Datasheet HTML 2Page - Feeling Technology Corp. FP703 Datasheet HTML 3Page - Feeling Technology Corp. FP703 Datasheet HTML 4Page - Feeling Technology Corp. FP703 Datasheet HTML 5Page - Feeling Technology Corp. FP703 Datasheet HTML 6Page - Feeling Technology Corp. FP703 Datasheet HTML 7Page - Feeling Technology Corp. FP703 Datasheet HTML 8Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FP703
Single Operational Amplifier
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 1.0
1/8
General Description
The FP703 is a single chip composed of one op-amp (OPA) with open collector output. It offers
space and low cost in many applications such as the secondary feedback control of power supply, AC
to DC converter or adaptor.
The FP703 is designed to act as OCP detector with few external components. The circuit diagram
for typical application example is shown as below.
Features
Wide Operating Voltage from 3.0V~25V
Open Collector Output
Sink Current up to 20mA
Low Input Offset Voltage: 1mV
Package: SOT23-5L
Typical Application Circuit
FP130
FP130
PWM
Controller
FP703
IN+
IN-
GND
OUT
IN+
VCC


Similar Part No. - FP703

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
FP7030 OMEGA-FP7030 Datasheet
267Kb / 2P
Paddlewheel Flow and Temperature Sensor
FP7030-GI OMEGA-FP7030-GI Datasheet
267Kb / 2P
Paddlewheel Flow and Temperature Sensor
More results

Similar Description - FP703

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM101A-LM201A STMICROELECTRONICS-LM101A-LM201A Datasheet
165Kb / 11P
SINGLE OPERATIONAL AMPLIFIER
Oct-1995
logo
Toshiba Semiconductor
TA75061P TOSHIBA-TA75061P Datasheet
255Kb / 7P
SINGLE OPERATIONAL AMPLIFIER
TA7540P TOSHIBA-TA7540P Datasheet
232Kb / 7P
SINGLE OPERATIONAL AMPLIFIER
TA75S01F TOSHIBA-TA75S01F Datasheet
208Kb / 5P
SINGLE OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCM2100 UTC-UTCM2100 Datasheet
429Kb / 4P
SINGLE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA741 FAIRCHILD-KA741 Datasheet
116Kb / 12P
Single Operational Amplifier
logo
National Semiconductor ...
MRLM101AX-R-H NSC-MRLM101AX-R-H Datasheet
226Kb / 15P
SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F_07 Datasheet
251Kb / 6P
Single Operational Amplifier
01-Nov-2007
TC75S54F TOSHIBA-TC75S54F_07 Datasheet
231Kb / 11P
Single Operational Amplifier
logo
Fairchild Semiconductor
LM741E FAIRCHILD-LM741E Datasheet
921Kb / 7P
SINGLE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com