Electronic Components Datasheet Search
  English  ▼

X  

ST100 Datasheet(PDF) 2 Page - RFbeam Microwave GmbH

Part # ST100
Description  ST100 Starterkit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

ST100 Datasheet(HTML) 2 Page - RFbeam Microwave GmbH

  ST100 Datasheet HTML 1Page - RFbeam Microwave GmbH ST100 Datasheet HTML 2Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ST100 Starterkit
Product Information
Functional Overview
RFbeam ST100 Starterkit hardware features 3
inputs (connectors X1 – X3) for different radar
module types. The inputs differ in input
sensitivity and in physical pin arrangement.
Many RFbeam modules may directliy be
connected and mounted to the Starterkit PCB.
All module connectors feature also an FM
output.
Radar signals are converted by a 16Bit ADC
and transmitted by a standard USB audio
protocol.
A 16Bit DAC drives the FM inputs of the radar
modules and is also driven by a standard USB
audio protocol.
This DAC may also be used to play back
recorded radar waveforms and feed them to
your signal processing hardware. This is useful
to simulate and analyse sensor behaviour with
real world signals.
All important radar signals are available at
connector X6. This allows signal analysis by
standard
measurement
equipment
like
multimeter and oscilloscope.
Blockdiagram
Software Features
The RFbeam SignalViewer software is included in the Starterkit and features:
FFT Power Spectrum Display from 5Hz to 20kHz
Graphically Configurable Frequency and Peak Detection
Time Domain Display (scope) with Trigger and Filter Functions
Streaming to Standard 16Bit Audio Wave Files
Realtime or Manual Controlled Playback Function
Additional Software (not included in Starterkit)
On Request
© 2008-2014 RFbeam Microwave GmbH www.rfbeam.ch
Page 2/2
16 Bit
ADC
16 Bit
DAC
Low Noise
Supply
40dB
20dB
40dB
X1_HI
X1_LO
X2_HI
X2_LO
FM: 0...4V
X3_HI
X3_LO
2 x MUX
Input
FM: -0.5 ... 2V
5V
9V
2 x
2 x
2
I, Q
I, Q
I, Q
Level Shifter
X1
X2
X3
X5
X6
x_LO, x_HI
12
RFbeam ST100 Starterkit
9V
5V
2
Buffer
I, Q
I, Q
61μV/Bit
FM: -0.5 ... 2V
X4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com