Electronic Components Datasheet Search
  English  ▼

X  

FP5108 Datasheet(PDF) 13 Page - Feeling Technology Corp.

Part # FP5108
Description  Low Voltage DC / DC Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP5108 Datasheet(HTML) 13 Page - Feeling Technology Corp.

Back Button FP5108 Datasheet HTML 9Page - Feeling Technology Corp. FP5108 Datasheet HTML 10Page - Feeling Technology Corp. FP5108 Datasheet HTML 11Page - Feeling Technology Corp. FP5108 Datasheet HTML 12Page - Feeling Technology Corp. FP5108 Datasheet HTML 13Page - Feeling Technology Corp. FP5108 Datasheet HTML 14Page - Feeling Technology Corp. FP5108 Datasheet HTML 15Page - Feeling Technology Corp. FP5108 Datasheet HTML 16Page - Feeling Technology Corp. FP5108 Datasheet HTML 17Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
FP5108
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.9
13/18
Under Voltage Lockout (UVLO)
The under voltage lockout circuits turn the output off and whenever the supply voltage drops too
low (approximately 0.9V at 25
℃) for proper operation. A hysteresis voltage of 200mV eliminates false
triggering on noise and chattering.
Soft Start / Short-Circuit Protection (S.S. / S.C.P.)
The soft start is functional after power on, and the interval of soft start time is determined by a
capacitor connected to SCP pin (pin 2). When soft start function finished, the internal soft start voltage
is setting high, but external SCP pin is setting low in order to change to short circuit detection /
protection function.
The time of soft start is following expression:

 
F
C
35
.
0
ms
Tss
The short circuit protection is functional due to a heavy loading drop and output of error amplifier
(COMP pin) is maintain a VPOS (typ. 0.87V), the capacitor is charged to SCP threshold voltage (typ.
0.8V), then FP5108 output is turn-off (internal pull-high) and the capacitor is discharged to low state.

 
F
C
8
.
0
ms
Tscp
Output Transistor
FP5108 will be shutdown immediately whenever COMP voltage is lower than 0.4V. The mean is
hard to maintain the output voltage during maximum duty cycle under short-circuit, and the PWM
output are off until power restart.
4
FP5108
CTL
R
CTL#
Q1
Figure14. Output Transistor Driving Control Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com