Electronic Components Datasheet Search
  English  ▼

X  

FP5202 Datasheet(PDF) 2 Page - Feeling Technology Corp.

Part # FP5202
Description  Non-Synchronous PWM Boost Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP5202 Datasheet(HTML) 2 Page - Feeling Technology Corp.

  FP5202 Datasheet HTML 1Page - Feeling Technology Corp. FP5202 Datasheet HTML 2Page - Feeling Technology Corp. FP5202 Datasheet HTML 3Page - Feeling Technology Corp. FP5202 Datasheet HTML 4Page - Feeling Technology Corp. FP5202 Datasheet HTML 5Page - Feeling Technology Corp. FP5202 Datasheet HTML 6Page - Feeling Technology Corp. FP5202 Datasheet HTML 7Page - Feeling Technology Corp. FP5202 Datasheet HTML 8Page - Feeling Technology Corp. FP5202 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
FP5202
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.67
2/10
Function Block Diagram
PWM
Comp.
Error Amp.
Control
and
Driver
Logic
Oscillator
EXT
VCC
EN
UVLO
Shutdown
Circuitry
FB
0.6V
550KHz
Soft
Start
GND
VRAMP
OCP
OC
0.1V
Pin Descriptions
SOT23-6L
1
2
3
6
5
4
VCC
EN
OC
FB
Top View
GND
EXT
Name
No.
I / O
Description
VCC
1
P
IC Power Supply
OC
2
I
Adjustable Output Current Protection
FB
3
I
Error Amplifier Inverting Input
EN
4
I
Enable Control (Active High)
GND
5
P
IC Ground
EXT
6
O
External Transistor Connection Pin



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com