Electronic Components Datasheet Search
  English  ▼

X  

FP5209 Datasheet(PDF) 1 Page - Feeling Technology Corp.

Part # FP5209
Description  Non-Synchronous PWM Boost Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP5209 Datasheet(HTML) 1 Page - Feeling Technology Corp.

  FP5209 Datasheet HTML 1Page - Feeling Technology Corp. FP5209 Datasheet HTML 2Page - Feeling Technology Corp. FP5209 Datasheet HTML 3Page - Feeling Technology Corp. FP5209 Datasheet HTML 4Page - Feeling Technology Corp. FP5209 Datasheet HTML 5Page - Feeling Technology Corp. FP5209 Datasheet HTML 6Page - Feeling Technology Corp. FP5209 Datasheet HTML 7Page - Feeling Technology Corp. FP5209 Datasheet HTML 8Page - Feeling Technology Corp. FP5209 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FP5209
Non-Synchronous PWM Boost Controller
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.62
1/10
General Description
The FP5209 is a boost topology switching regulator for wide operating voltage applications. It
provides built-in gate driver pin, EXT pin, for driving the external N-MOSFET. The internal
compensation network minimizes external component counts, and the non-inverting input of error
amplifier connects to a 0.6V precision reference voltage. The FP5209 have internal soft start function.
The FP5209 is available in the small footprint SOT23-5L package to fit in space-saving PCB
layout for miscellaneous application fields.
Features
 Wide Supply Voltage Operating Range: 2.4 to 5.5V
 Precision Feedback Reference Voltage: 0.6V (±2%)
 Shutdown Current: <
1μA
 Internal Fixed PWM frequency: 550KHz
 Internal Soft Start Function :7ms (SS)
 Over Voltage Protection
 Package: SOT23-5L
 Duty Cycle: PWM/PFM Switching Control Circuit (15%~90%)
Applications
 Chargers
 LCD Displays
 Digital Cameras
 Handheld Devices
 Portable Products
Typical Application Circuit
FP5209
FB
EXT
EN
2
3
GND
4
5
VOUT
VIN
Vcc
1
ON/OFF


Similar Part No. - FP5209

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FP5202 FEELING-FP5202 Datasheet
342Kb / 10P
Non-Synchronous PWM Boost Controller
FP5202LR-G1 FEELING-FP5202LR-G1 Datasheet
342Kb / 10P
Non-Synchronous PWM Boost Controller
logo
Shenzhenshi YONGFUKANG ...
FP5208 YONGFUKANG-FP5208 Datasheet
696Kb / 16P
Non-Synchronous PWM Boost Controller
FP5208B YONGFUKANG-FP5208B Datasheet
696Kb / 16P
Non-Synchronous PWM Boost Controller
More results

Similar Description - FP5209

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8870 ONSEMI-NCV8870 Datasheet
143Kb / 11P
Automotive Grade Non-Synchronous Boost Controller
September, 2012 ??Rev. 1
NCV8871 ONSEMI-NCV8871 Datasheet
145Kb / 12P
Automotive Grade Non-Synchronous Boost Controller
September, 2012 ??Rev. 3
NCV8870 ONSEMI-NCV8870_16 Datasheet
239Kb / 15P
Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
logo
Feeling Technology Corp...
FP5138 FEELING-FP5138 Datasheet
440Kb / 16P
Non-Synchronous PWM Boost Controller
FP5202 FEELING-FP5202 Datasheet
342Kb / 10P
Non-Synchronous PWM Boost Controller
FP6288 FEELING-FP6288 Datasheet
432Kb / 12P
Non-Synchronous PWM Boost Converter
FP7208 FEELING-FP7208 Datasheet
555Kb / 13P
Non-Synchronous PWM Boost Controller for LED Driver
logo
Shenzhenshi YONGFUKANG ...
FP5208 YONGFUKANG-FP5208 Datasheet
696Kb / 16P
Non-Synchronous PWM Boost Controller
logo
SHOUDING Shouding Semic...
SD6209 SHOUDING-SD6209 Datasheet
1Mb / 10P
Non-Synchronous PWM Boost Controller
logo
Shenzhen Huazhimei Semi...
HM5307 HMSEMI-HM5307 Datasheet
954Kb / 15P
Non-Synchronous PWM Boost Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com