Electronic Components Datasheet Search
  English  ▼

X  

FP5452 Datasheet(PDF) 13 Page - Feeling Technology Corp.

Part # FP5452
Description  Dual PWM Controller With SCP / DTC Function
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP5452 Datasheet(HTML) 13 Page - Feeling Technology Corp.

Back Button FP5452 Datasheet HTML 9Page - Feeling Technology Corp. FP5452 Datasheet HTML 10Page - Feeling Technology Corp. FP5452 Datasheet HTML 11Page - Feeling Technology Corp. FP5452 Datasheet HTML 12Page - Feeling Technology Corp. FP5452 Datasheet HTML 13Page - Feeling Technology Corp. FP5452 Datasheet HTML 14Page - Feeling Technology Corp. FP5452 Datasheet HTML 15Page - Feeling Technology Corp. FP5452 Datasheet HTML 16Page - Feeling Technology Corp. FP5452 Datasheet HTML 17Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
FP5452
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 1.0
13/21
Function Description
Voltage Reference
FP5452 has an internal 2.5V reference regulator for its internal circuits’ voltage bias. This
reference voltage is also divided down by a resistive divider to provide error amplifiers as the inverting
input reference voltage. (Figure 18)
Figure 18 Error Amplifiers and Reference with Resistive Dividers
The error amplifier inverting input (EA1- or EA2-) reference voltage equations are shown as
following:
2
R
1
R
2
R
)
V
5
.
2
(
V
V
REF
1
EA
4
R
3
R
4
R
)
V
5
.
2
(
V
V
REF
2
EA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com