Electronic Components Datasheet Search
  English  ▼

X  

FP6101 Datasheet(PDF) 11 Page - Feeling Technology Corp.

Part # FP6101
Description  20V, 2A Buck Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP6101 Datasheet(HTML) 11 Page - Feeling Technology Corp.

Back Button FP6101 Datasheet HTML 4Page - Feeling Technology Corp. FP6101 Datasheet HTML 5Page - Feeling Technology Corp. FP6101 Datasheet HTML 6Page - Feeling Technology Corp. FP6101 Datasheet HTML 7Page - Feeling Technology Corp. FP6101 Datasheet HTML 8Page - Feeling Technology Corp. FP6101 Datasheet HTML 9Page - Feeling Technology Corp. FP6101 Datasheet HTML 10Page - Feeling Technology Corp. FP6101 Datasheet HTML 11Page - Feeling Technology Corp. FP6101 Datasheet HTML 12Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
FP6101
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.91
11/12
Typical Application
FP6101 Basic DC-DC Regulator Circuit
For example:
The VIN power supply is 12V and the VOUT is designed for 3.3V / 2A solution.
The output voltage equation is:
V
30
.
3
V
5
.
0
K
10
56K
1
V
R
R
1
V
REF
2
1
OUT





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com