Electronic Components Datasheet Search
  English  ▼

X  

MSM6650 Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM6650
Description  Internal Mask ROM Voice Synthesis IC, Internal One-Time-Programmable OTP ROM Voice Synthesis IC, External ROM Drive Voice Synthesis IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6650 Datasheet(HTML) 2 Page - OKI electronic componets

  MSM6650 Datasheet HTML 1Page - OKI electronic componets MSM6650 Datasheet HTML 2Page - OKI electronic componets MSM6650 Datasheet HTML 3Page - OKI electronic componets MSM6650 Datasheet HTML 4Page - OKI electronic componets MSM6650 Datasheet HTML 5Page - OKI electronic componets MSM6650 Datasheet HTML 6Page - OKI electronic componets MSM6650 Datasheet HTML 7Page - OKI electronic componets MSM6650 Datasheet HTML 8Page - OKI electronic componets MSM6650 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
2/45
¡ Semiconductor
MSM6650 Family
FEDL6650-03
• Option Table
Option
Input
Interface mode
Standby
conversion
Option A
Option B
Option C
Option D
Microcontroller
Standalone
Microcontroller
Standalone
Serial
Parallel
—
—
—
—
Yes
No
Item
Ceramic
sample
Mold
sample
Mass
produc-
tion
Package
(circle the desired one)
Quantity
Note
18-pin DIP
(ceramic)
18-pin DIP
(plastic)
18-pin DIP
(plastic)
24-pin SOP
(ceramic)
24-pin SOP
(plastic)
24-pin SOP
(plastic)
chip
chip
chip
pcs
pcs
pcs per lot
monthly
Up to 10 samples.
Operating temp. :
10 to 30°C
Up to 50 samples
Option List
Oki Electric Industry Co., Ltd.
Date:
You are requested to develop MSM665X-XXX on the following conditions.
1. Options
There are four options for the MSM6650 family.
Choose and circle the desired option.
2. Package and quantity
Signed by
Title :
Company name :
*1. The options for the mask ROM-based devices are mask options. The user should send OKI an
option list before starting development. A sample of option list is shown below.
*2. A code of OTP version device corresponds to one of the options. The user should specify either
MSM66P54-03 or MSM66P54-04 or MSM66P56-03 or MSM66P56-04. (In this case, no option list
is required.)
Pin Name
Microcontroller Interface Mode
Serial Input
Parallel Input
With Standby
No Standby
STBY
—
—
"L"
"H"
MSM6650
SERIAL
"H"
"L"
"L"
"L"
CPU
"H"
"H"
"L"
"L"
MSM66P54/P56
—
–01
–02
–03
–04
MSM6652/53/54/55/56
—
Standalone Mode
Mask Option
*2
MSM6652A/53A/54A/55A/56A/58A
*1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com