Electronic Components Datasheet Search
  English  ▼

X  

XPT8871DF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # XPT8871DF
Description  AB / D switching, overheat / excessive flow protection, nonfM interference 5 W (2 omega)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XPT8871DF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  XPT8871DF Datasheet HTML 1Page - List of Unclassifed Manufacturers XPT8871DF Datasheet HTML 2Page - List of Unclassifed Manufacturers XPT8871DF Datasheet HTML 3Page - List of Unclassifed Manufacturers XPT8871DF Datasheet HTML 4Page - List of Unclassifed Manufacturers XPT8871DF Datasheet HTML 5Page - List of Unclassifed Manufacturers XPT8871DF Datasheet HTML 6Page - List of Unclassifed Manufacturers XPT8871DF Datasheet HTML 7Page - List of Unclassifed Manufacturers XPT8871DF Datasheet HTML 8Page - List of Unclassifed Manufacturers XPT8871DF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
深圳市矽普特科技有限公司
XPT8871
A
AB
B//D
D 类
类切
切换
换、
、过
过热
热&
&欠
欠压
压&
&过
过流
流保
保护
护、
、无
无 F
FM
M 干
干扰
扰+
+55W
W(
(22Ω
Ω)
)
网
址:
www.xptek.cn ; www.xptek.com.cn
地
址:深圳市南山区科苑南路高新工业村
R3-A 座 5 楼
销
售:
sales@xptek.cn
技术支持:
support@xptek.cn
设计服务:
design@xptek.cn
XPT8871 用户手册
2012 年 03 月


Similar Part No. - XPT8871DF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XPT8P003A ETC2-XPT8P003A Datasheet
322Kb / 1P
16 MHz XPT8P 8Bit MCU
More results

Similar Description - XPT8871DF

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4277 SANYO-LA4277 Datasheet
79Kb / 6P
5 W 2-Channel Power Amplifier
logo
Vishay Siliconix
VBUS052CD-FAH VISHAY-VBUS052CD-FAH Datasheet
646Kb / 6P
2-Line BUS-Port ESD-Protection - Flow Through Design
19-May-10
VBUS052CD-FAH-GS08 VISHAY-VBUS052CD-FAH-GS08 Datasheet
139Kb / 7P
2-Line BUS-Port ESD-Protection - Flow Through Design
31-May-12
logo
Shenzhenshi YONGFUKANG ...
CS8509E YONGFUKANG-CS8509E Datasheet
1Mb / 10P
EMI,AB/D
CS8532S YONGFUKANG-CS8532S Datasheet
2Mb / 12P
9Wx2,AB/D
CSC8005 YONGFUKANG-CSC8005 Datasheet
226Kb / 5P
AB/D class switching audio power amplifier
logo
Shenzhen Huazhimei Semi...
HM8871 HMSEMI-HM8871 Datasheet
782Kb / 5P
AB//D class switching, overheating, undervoltage, overcurrent protection
logo
Vishay Siliconix
VBUS052C-FAH VISHAY-VBUS052C-FAH Datasheet
136Kb / 7P
2-Line BUS-Port ESD Protection - Flow Through Design
14-Oct-2019
VBUS052CD-FAH VISHAY-VBUS052CD-FAH_V01 Datasheet
137Kb / 7P
2-Line BUS-Port ESD Protection - Flow Through Design
14-Oct-2019
logo
Kemet Corporation
TXS KEMET-TXS Datasheet
189Kb / 1P
Thermal Sensors Overheat Protection
8/19/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com