Electronic Components Datasheet Search
  English  ▼

X  

TP4056 Datasheet(PDF) 6 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

Part # TP4056
Description  1A lithium battery charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TPOWER [Shenzhen Tianyuan Semiconductor Co., Ltd.]
Direct Link  http://www.tpower-ic.com/
Logo TPOWER - Shenzhen Tianyuan Semiconductor Co., Ltd.

TP4056 Datasheet(HTML) 6 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

  TP4056 Datasheet HTML 1Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4056 Datasheet HTML 2Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4056 Datasheet HTML 3Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4056 Datasheet HTML 4Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4056 Datasheet HTML 5Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4056 Datasheet HTML 6Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4056 Datasheet HTML 7Page - Shenzhen Tianyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TP4056
1A 锂电池充电器
V1.3
Shenzhen TPOWER Semiconductor
6
否超出正常范
围。V
TEMP-L=45%×VCC,VTEMP-H=80%×VCC。如果TEMP
管脚的电
压V
TEMP<VTEMP-L或 者VTEMP>VTEMP-H,则表示电池的温度
太高或者太低,充电过程将被终止;如果不需要电池温
度监测功能,则须将TEMP管脚接到地。
增加热调节电阻
降低IC的V
CC与BAT两端的压降能够显著减少IC中的功
耗。在热调节时,这具有增加充电电流的作用。实现方
式可以在输入电源与V
CC之间串联一个0.3Ω的功率电阻
或正向导通压降小于0.5V的二极管,从而将一部分功率
耗掉。
充电电流软启动
TP4056 内置了软启动路。当一个充电循环被启动时,充
电电流将在20uS的时间从零逐渐上升至恒流充电电流。
手动停机
如果将CE端置为低电位或使 PROG 引脚浮空,TP4056
即被置于停机模式。电池漏电流将降至1
μA以下,且电源
电流降至40
μA以下。



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com