Electronic Components Datasheet Search
  English  ▼

X  

TP5303 Datasheet(PDF) 1 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

Part # TP5303
Description  PFM boost DCDC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TPOWER [Shenzhen Tianyuan Semiconductor Co., Ltd.]
Direct Link  http://www.tpower-ic.com/
Logo TPOWER - Shenzhen Tianyuan Semiconductor Co., Ltd.

TP5303 Datasheet(HTML) 1 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

  TP5303 Datasheet HTML 1Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP5303 Datasheet HTML 2Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP5303 Datasheet HTML 3Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP5303 Datasheet HTML 4Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP5303 Datasheet HTML 5Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP5303 Datasheet HTML 6Page - Shenzhen Tianyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TP5303
PFM 升压 DCDC
Ver1.0
Shenzhen TPOWER Semiconductor
1
深圳市天源中芯半导体有限公司
1
概述
TP5303 系列产品是一种高效率、低纹波的 PFM 升压
DC-DC 转换器。
TP5303 外围仅需四个元器,就可将低输入的电池电压
升压到所需的工作电压,非常适合于便携式 1~3 节普通电
池应用的场合。
TP5303 可提供 SOT-23-3,SOT-23-5,SOT-89 多种封装
形式,SOT-23-5 封装内置 EN 使能端,可控制变换器处于
关断省电状态,功耗降到最小。
特点
 最高工作频率:300KHz
 输出电压:2.0V~5V(步进 0.1V)
 低启动电压:0.8V(1mA)
 最高效率 88%。
 输出电流:大于 300mA(Vi=2.5V,Vo=3.3V)
 封装形式:SOT-23-3,SOT-23-5,SOT-89
应用
 1-3 节干电池设备,如:电子词典、数码相机、LED
手电筒、LED 灯、血压计、MP3、遥控玩具、无线
耳机、无线鼠标键盘、医疗器械、防丢器、汽车防
盗器、充电器、VCR、PDA 等手持电子设备。
 移动电源
 USB 充电应用
典型应用电路


Similar Part No. - TP5303

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TP53 TRANSKO-TP53 Datasheet
297Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (5.0 x 3.2 x 1.3mm)
Rev 0: 08-25-2021
logo
National Semiconductor ...
TP53130 NSC-TP53130 Datasheet
313Kb / 5P
DTMF (TOUCH TONE) GENERATOR WITH BINARY DATA AND KEYPAD INTERFACE
logo
Supertex, Inc
TP5322 SUTEX-TP5322 Datasheet
306Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FET
TP5322 SUTEX-TP5322 Datasheet
516Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FETs
TP5322 SUTEX-TP5322 Datasheet
686Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FET
More results

Similar Description - TP5303

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1732 MICROSEMI-LX1732 Datasheet
322Kb / 12P
High Current PFM Boost Converter
logo
Microchip Technology
MCP16251 MICROCHIP-MCP16251 Datasheet
1Mb / 34P
Low Quiescent Current, PFM/PWM Synchronous Boost Regulator
2013
logo
Lowpower Semiconductor ...
LPA2162 POWER-LPA2162 Datasheet
1Mb / 11P
Integrated PWM/PFM boost convertor
logo
Integrated Silicon Solu...
IS31LT3948-GRLS2 ISSI-IS31LT3948-GRLS2 Datasheet
446Kb / 18P
PFM MODE BOOST LED DRIVER WITH THE EXTERNAL NMOS
logo
EM Microelectronic - MA...
EM8900 EMMICRO-EM8900 Datasheet
1Mb / 14P
ULTRA-LOW VOLTAGE DCDC BOOST CONVERTER FOR THERMAL ELECTRICAL GENERATORS
logo
SHOUDING Shouding Semic...
SD6303 SHOUDING-SD6303 Datasheet
517Kb / 13P
PFM boost DC-DC converter
logo
Shenzhen Huazhimei Semi...
HM5309 HMSEMI-HM5309 Datasheet
468Kb / 9P
PFM boost DC-DC controller
logo
QX Micro Devices Co.,Lt...
QX2304 QXMD-QX2304 Datasheet
240Kb / 2P
High-efficiency PFM synchronous boost DC-DC converter
QX2305 QXMD-QX2305 Datasheet
523Kb / 2P
PFM boost DC-DC controller
logo
Shenzhen Huazhimei Semi...
HM6384 HMSEMI-HM6384 Datasheet
818Kb / 7P
high efficiency PFM synchronous boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com