Electronic Components Datasheet Search
  English  ▼

X  

TP8022 Datasheet(PDF) 1 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

Part # TP8022
Description  Average Current Type LED Buck Constant Current Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TPOWER [Shenzhen Tianyuan Semiconductor Co., Ltd.]
Direct Link  http://www.tpower-ic.com/
Logo TPOWER - Shenzhen Tianyuan Semiconductor Co., Ltd.

TP8022 Datasheet(HTML) 1 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

  TP8022 Datasheet HTML 1Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8022 Datasheet HTML 2Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8022 Datasheet HTML 3Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8022 Datasheet HTML 4Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8022 Datasheet HTML 5Page - Shenzhen Tianyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TP8022
平均电流型 LED 降压恒流驱动器
V1.2
Shen Zhen TPOWER Semiconductor
1
概述
TP8022 是一款工作在固定关断时间控制模式的降压型
LED 恒流驱动器,用于高效地驱动多颗 LED。TP8022 采
用平均电流型的闭环恒流方式,系统应用时输出电流对电
感变化不敏感。这极大的提高了输出电流的恒流精度,特
别适用于 8~80V 输入电压范围的非隔离降压 LED 恒流驱动
电路。
TP8022 外置功率管,通过外部电阻可以设定 LED 输出的
平均电流,并且通过 MODE 脚外接高低电平可以实现 LED
输出的高低亮模式切换。另外,OPT 脚接 VDD 或者接 GND
可以配置低亮模式时的 LED 输出亮度。因此,只需要很少
的外围元件即可以实现 LED 输出的高低亮模式切换,极大
的节约了系统的成本和体积。
TP8022 集成了 PWM 调光和模拟调光功能。LED 电流可以
通过外部 PWM 调光信号的占空比来进行调节,另外也可以
通过外部的模拟电平进行调节。调光接口十分简单方便。
TP8022 集成了多种保护功能,以保证系统的稳定和可靠,
包括 LED 输出短路保护,LED 输出过流保护,芯片温度智
能控制和 VDD 供电欠压保护等。
特点
 系统宽输入电压范围:8~80V
 固定关断时间控制模式
 平均电流型的闭环恒流控制
 ±5%LED 输出电流精度
 LED 输出高低亮模式
 低亮模式的 LED 亮度可选
 对电感变化不敏感
 集成 PWM 调光功能
 集成模拟调光功能
 系统工作效率高
 VDD 内置 5.6V 稳压管
 芯片内置使能功能
 LED 输出短路保护
 芯片温度智能控制
 采用 SOP-8L 封装
应用
 电动自行车 LED 照明
 摩托车 LED 照明
 其它 LED 照明
典型应用电路


Similar Part No. - TP8022

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tianyuan Semic...
TP8020 TPOWER-TP8020 Datasheet
542Kb / 5P
Average Current Type LED Buck Constant Current Driver
TP8021 TPOWER-TP8021 Datasheet
548Kb / 5P
Average Current Type LED Buck Constant Current Driver
TP8021A TPOWER-TP8021A Datasheet
551Kb / 5P
Average Current Type LED Buck Constant Current Driver
TP8021N TPOWER-TP8021N Datasheet
534Kb / 5P
Average Current Type LED Buck Constant Current Driver
TP8023 TPOWER-TP8023 Datasheet
562Kb / 5P
Average Current Type LED Buck Constant Current Driver
More results

Similar Description - TP8022

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tianyuan Semic...
TP8021 TPOWER-TP8021 Datasheet
548Kb / 5P
Average Current Type LED Buck Constant Current Driver
TP8021A TPOWER-TP8021A Datasheet
551Kb / 5P
Average Current Type LED Buck Constant Current Driver
TP8021N TPOWER-TP8021N Datasheet
534Kb / 5P
Average Current Type LED Buck Constant Current Driver
TP8023 TPOWER-TP8023 Datasheet
562Kb / 5P
Average Current Type LED Buck Constant Current Driver
TP8023N TPOWER-TP8023N Datasheet
566Kb / 5P
Average Current Type LED Buck Constant Current Driver
TP8020 TPOWER-TP8020 Datasheet
542Kb / 5P
Average Current Type LED Buck Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM9818B HMSEMI-HM9818B Datasheet
640Kb / 5P
Built-in MOS average current type LED buck constant current driver
HM9882 HMSEMI-HM9882 Datasheet
594Kb / 5P
External MOS average current type LED buck constant current driver
HM9835 HMSEMI-HM9835 Datasheet
646Kb / 5P
Average current type LED buck constant current driver
HM9825 HMSEMI-HM9825 Datasheet
773Kb / 5P
Built-in MOS average current type LED buck constant current driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com