Electronic Components Datasheet Search
  English  ▼

X  

LM2902A Datasheet(PDF) 3 Page - 3PEAK INC.

Part # LM2902A
Description  36V General Purpose Op Amps
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

LM2902A Datasheet(HTML) 3 Page - 3PEAK INC.

  LM2902A Datasheet HTML 1Page - 3PEAK INC. LM2902A Datasheet HTML 2Page - 3PEAK INC. LM2902A Datasheet HTML 3Page - 3PEAK INC. LM2902A Datasheet HTML 4Page - 3PEAK INC. LM2902A Datasheet HTML 5Page - 3PEAK INC. LM2902A Datasheet HTML 6Page - 3PEAK INC. LM2902A Datasheet HTML 7Page - 3PEAK INC. LM2902A Datasheet HTML 8Page - 3PEAK INC. LM2902A Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.3peakic.com.cn
Rev.0.02
3 / 15
LM2904A/LM2902A
36V General Purpose Op Amps
Revision History
Date
Revision
Notes
2018/3/21
Rev.Pre
Pre-Release Version
2018/10/30
Rev.0
Initial Version
2018/11/11
Rev.0.01
Add LM2902AL1-SR, Correct the condition of VOL,VOH to VS/2, Add mark information.
2019/1/9
Rev.0.02
Update Package Outline Dimension
Order Information
Order Number
Operating Temperature
Range
Package
Marking Information
MSL
Transport Media, Quantity
LM2904A-SR
-40 to 125°C
8-Pin SOIC
2904A
AAYW Note 1
3
Tape and Reel, 4000
LM2904AL1-SR
-40 to 125°C
8-Pin SOIC
2904A
AAYWL Note 1
1
Tape and Reel, 4000
LM2904A-TSR
-40 to 125°C
8-Pin TSSOP
2904A
AAYW Note 1
3
Tape and Reel, 3000
LM2904A-VR
-40 to 125°C
8-Pin MSOP
2904A
AAYW Note 1
3
Tape and Reel, 3000
LM2902A-SR
-40 to 125°C
14-Pin SOIC
2902A
AAYW Note 1
3
Tape and Reel, 2500
LM2902AL1-SR
-40 to 125°C
14-Pin SOIC
2902A
AAYWL Note 1
1
Tape and Reel, 2500
LM2902A-TR
-40 to 125°C
14-Pin TSSOP
2902A
AAYW Note 1
3
Tape and Reel, 3000
Note 1: “AA” identify the manufacture site. “YW” is the date code means manufacture year and week as following, “L” means MSL1
product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com