Electronic Components Datasheet Search
  English  ▼

X  

SLB24VDCSLC Datasheet(PDF) 1 Page - Ningbo songle relay co.,ltd

Part # SLB24VDCSLC
Description  Low coil power consumption with excellent performance
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONGLERELAY [Ningbo songle relay co.,ltd]
Direct Link  http://www.songlerelay.com/?l=en
Logo SONGLERELAY - Ningbo songle relay co.,ltd

SLB24VDCSLC Datasheet(HTML) 1 Page - Ningbo songle relay co.,ltd

  SLB24VDCSLC Datasheet HTML 1Page - Ningbo songle relay co.,ltd SLB24VDCSLC Datasheet HTML 2Page - Ningbo songle relay co.,ltd SLB24VDCSLC Datasheet HTML 3Page - Ningbo songle relay co.,ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
·30A/40 s
·Ambient temperature:+85℃/+125℃
·Low coil power consumption with excellent
performance
·Both sealed and open type available
·USA type
witching capability
A /C
100 mΩMax
Silver alloy:
AgCdO、AgSnO2、AgNi
NO:40A 14VDC
NC:30A 14VDC
30VDC
40A
560W
1x10 ops/1x10 ops
1x10 ops
5
7
SLB-12VDC-S L-C
Class B / Class F
100MΩ(500VDC)
750VAC 1Minute
750VAC 1 Minute
≤
10ms
≤
10ms
85% RH(20℃)
-40℃~+85℃/-40℃~+125℃
98m/s²
980m/s²
10Hz~55Hz 1.5mm
Approx19g
Sealed and open type
12
24
36
133.33
66.67
44.44
90
360
810
1.6W
75%Max 10%Min
130%
30A/40A
1.6W
S
/F
open type
sealed
/ 24VDC/36VDC
12VDC
W
VDC
mA
±10%
Ω
A/C
4
26MAX
21
M
AX
SLB Series
Features
Contact arrangment
endurance
Voltage drop
Contact material
Contact rating
Max switching voltage
Max switching current
Max switching power
Electrical endurance
(frequency: 1800 ops/h)
(frequency: 18000 ops/h)
Mechanical
Insulation resistance
Dielectric
Strength
Between contacts
and coil
Between open
contacts
Operate time(Under nominal voltage)
Release time(Under nominal voltage)
Humidity
Ambient Temperature
Shock
resistance
Functional
Destructive
Vibration resistance
( Double amplitude)
Weight
Construction
Insulation system
Voltage
Current Resistance
Power
dissipation
Max
allowable
Pick-up
Drop-out
voltage
voltage
This product specification only for your reference, we will not notify you if
we do any improvement.We reserve all the right for the final explanation
Ordering Information
Contact Rating
Characteristics
Coil Data
(
20℃)
at
Remark:1)All above data is initial value
Part number
Coil Voltage
Coil Power
Construction
Contact arrangment
AUTOMOTIVE RELAY
Tel.:
+86 574 62717777
62762658
62721968
ax
F
:+86 574 62721978
Web:www.songle.com
www.songlerelay.com
Email:sale@songle.com
Add.:CW7, Zone A, Far East Industrial Park, Yuyao City, Zhejiang, China
ip Code
Z
:315400
Web:www.songle.com
www.songlerelay.com
Add.:CW7, Zone A, Far East Industrial Park, Yuyao City, Zhejiang, China
Zip Code:315400


Similar Part No. - SLB24VDCSLC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLB2200 ETC2-SLB2200 Datasheet
37Kb / 1P
Solid Links for BS88 Type Fuse Carriers
SLB2240R45 ETC2-SLB2240R45 Datasheet
577Kb / 9P
Miniature compact size.
SLB224145 ETC2-SLB224145 Datasheet
577Kb / 9P
Miniature compact size.
SLB22804 ETC2-SLB22804 Datasheet
577Kb / 9P
Miniature compact size.
SLB2280R5 ETC2-SLB2280R5 Datasheet
577Kb / 9P
Miniature compact size.
More results

Similar Description - SLB24VDCSLC

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
N4100 DBLECTRO-N4100 Datasheet
298Kb / 2P
Low coil power consumption.
NT73-2 DBLECTRO-NT73-2_07 Datasheet
575Kb / 2P
Low coil power consumption
NT73-3L DBLECTRO-NT73-3L Datasheet
437Kb / 2P
Low coil power consumption
NT73 DBLECTRO-NT73_05 Datasheet
522Kb / 2P
Low coil power consumption
logo
HuaXinAn Electronics CO...
JRC-23F HUAXINAN-JRC-23F Datasheet
305Kb / 1P
Low coil power consumption.
4117-22A HUAXINAN-4117-22A Datasheet
919Kb / 1P
Low coil power consumption
logo
CIT Relay & Switch
A41CS12VDC CIT-A41CS12VDC Datasheet
135Kb / 2P
Low coil power consumption
A61CS12VDC.9 CIT-A61CS12VDC.9 Datasheet
111Kb / 2P
Low coil power consumption
J103 CIT-J103 Datasheet
112Kb / 3P
Low coil power consumption
J118 CIT-J118 Datasheet
113Kb / 2P
Low coil power consumption
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com